Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1607-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1607-3
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1607-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1607-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1607
■
Typical Characterisitics
--0.2mA
--0.4mA
--0.6mA
--0.8mA
--1.0m
A
--100
--80
--60
--40
--20
0
0
.
2
--
6
.
1
--
8
.
0
--
0
2
.
1
--
4
.
0
--
--20
--16
--12
--8
--4
0
0
2
--
6
1
--
8
--
0
2
1
--
4
--
IC -- VCE
IB=0
2SA1607
2SA1607
IC -- VCE
--80uA
--40uA
--100u
A
--60uA
--120u
A
IB=0
--20uA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Ta=75 C
--25 C
hFE -- IC
2SA1607
VCE=--1V
2SA1607
VCE=--1V
100
10
7
1000
7
5
3
2
5
3
2
--1.0
3
2
5
--0.1
3
2
5
--10
3
2
5
7
3
7
7
2
--100
--160
--140
--120
--20
--100
--80
--60
--40
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
25 C
Base-to-Emitter Voltage, VBE – V
Collector Current, IC –mA
。 。
。
。
。
。
2SA1607
VCE=--10V
fT -- IC
3
100
2
2
5
7
1000
7
5
3
7
7
2
5
2
2
3
5
3
3
--1.0
--10
7 --100
Collector Current, IC –mA
Cob -- VCB
3
2
2
7
5
7
5
10
1.0
--1.0
7
3
--10
2
7
3
5
2
7
5
2SA1607
f=1MHz
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com