Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1923 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC1923
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC1923 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC1923 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1923 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC1923
■
Typical Characterisitics
10
0.1
1
10
10
1000
0.01
0.1
1
10
10
100
1000
0
25
50
75
100
125
150
0.000
0.025
0.050
0.075
0.100
0.125
0
2
4
6
8
10
12
14
0
1
2
3
4
f=1MHz
I
E
=0 / I
C
=0
T
a
=25 ℃
REVERSE VOLTAGE
V
(V)
V
CB
/
V
EB
C
ob / Cib
——
C
ib
C
ob
1
COLLECTOR CURRENT
I
C
(mA)
V
CE
=6V
T
a
=25 ℃
I
C
f
T
——
3
3
300
100
1
COMMON EMITTER
V
CE
= 6V
T
a
=100 ℃
T
a
=25 ℃
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE ——
20
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
—— T
a
COMMON
EMITTER
T
a
=25 ℃
30uA
27uA
24uA
21uA
18uA
15uA
12uA
9uA
6uA
I
B
=3uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com