Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2714-O Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2714-O
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2714-O Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2714-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2714-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC2714
Typical Characterisitics
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0
1
1
0.01
0.1
0
1
1
1
.
0
0.4
0.6
0.8
1.0
0
1
1
10
100
1000
0.1
0.1
1
10
0.2
0.4
0.6
0.8
1.0
0.1
1
10
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
β=10
V
CEsat
—— I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
0.3
β=10
I
C
V
BEsat ——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
20
20
20
V
CE=6V
T
a=25
T
a=100
I
C
h
FE ——
COLLECTOR CURRENT I
C
(mA)
20
f=1MHz
I
E=0 / IC=0
T
a=25
V
CB / VEB
C
ob / Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
I
C
——
V
CE=6V
BASE-EMITTER VOLTAGE
V
BE(V)
T
a=100
T
a=25
V
BE
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
B=4uA
Static Characteristic
40uA
36uA
32uA
28uA
24uA
20uA
16uA
12uA
8uA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com