Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK627-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK627-1-R
Description  HDMI(M), 1 Meter 1.2 Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK627-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK627-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Cable: UL-20276 [#28(7/0.103 T.C)x1P INS: FO-SKIN +D.W(7/0.103 T.C) + AL/MY(spread the
Wring)]x4C+#28(7/0.103 T.C)x1P INS:HD-PE+#28(7/0.103 T.C)x5C INS:HD-PE+AL/MY+
Drain Wire(7/0.103 T.C)
B.D(85%) PVC Jacket, OD: 6.0±0.2MM color: Black(NK-K01)
• Connector: P1&P2: HDMI 19P Male Contact: 30”; Nickel Plated Shell
• Shield: P1&P2: Inner mold must be wrapped copper to connector shell & cable braid
• Hood: P1&P2: Molded Type, PVC 45P, Color: Black(NK-K01).
Electrical:
• 100% Short, open & miswire test
• Contact Resistance: 3 Max.
• Insulation Resistance: 10 Min.
• Hi-Pot Voltage: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Warner
Drawn
10.21.11
Approved
10.24.11
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK627-1-R
<=>HDM1(M) <=> HDMI(M),
1 Meter 1.2 Type
Complaint
RoHS
rev00


Similar Part No. - AK627-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
More results

Similar Description - AK627-1-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721007-06 QUALTEK-1721007-06 Datasheet
462Kb / 1P
HDMI/M - DVI (181)P/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721011-10 QUALTEK-1721011-10 Datasheet
463Kb / 1P
HDMI/M - DVI (181)P/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721015-16 QUALTEK-1721015-16 Datasheet
461Kb / 1P
HDMI/M - DVI (181)P/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
1721003-03 QUALTEK-1721003-03 Datasheet
510Kb / 1P
HDMI/M - DVI (181)P/M
logo
Assmann Electronics Inc...
AK108057-R ASSMANN-AK108057-R Datasheet
193Kb / 1P
HDM1(M) <=> HDMI(M), 1METER 1.2 TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com