Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK108057-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK108057-R
Description  HDM1(M) <=> HDMI(M), 1METER 1.2 TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK108057-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK108057-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 M
Material:
• Cable: UL-20276 [#28(7/0.103 T.C)x1P INS: FO-SKIN +D.W(7/0.103 T.C) + AL/MY(spread the
Wring)]x4C+#28(7/0.103 T.C)x1P INS:HD-PE+#28(7/0.103 T.C)x5C INS:HD-PE+AL/MY+
Drain Wire(7/0.103 T.C)
B.D(85%) PVC Jacket, OD: 6.0±0.2MM color: Black(NK-K01)
• Connector: P1&P2: HDMI 19P Male Contact: 30”; Nickel Plated Shell
• Shield: P1&P2: Inner mold must be wrapped copper to connector shell & cable braid
• Hood: P1&P2: Molded Type, PVC 45P, Color: Black(NK-K01).
Electrical:
• 100% Short, open & miswire test
• Contact Resistance: 3 Max.
• Insulation Resistance: 10 Min.
• Hi-Pot Voltage: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Warner
Drawn
10.21.11
Approved
10.21.11
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK108057-R
<=>HDM1(M) <=> HDMI(M),
1 Meter 1.2 Type, Version 1.2
Complaint
RoHS
rev00


Similar Part No. - AK108057-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
Silicon Avalanche Diodes
AK10 LITTELFUSE-AK10 Datasheet
188Kb / 3P
Transient Voltage Suppression Diodes
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
logo
Shenzhen Luguang Electr...
AK10 LUGUANG-AK10 Datasheet
943Kb / 4P
TransientVoltage Suppression Diodes
AK10-015C LUGUANG-AK10-015C Datasheet
943Kb / 4P
TransientVoltage Suppression Diodes
More results

Similar Description - AK108057-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Assmann Electronics Inc...
AK627-1-R ASSMANN-AK627-1-R Datasheet
192Kb / 1P
HDMI(M), 1 Meter 1.2 Type
AK-330102-050-S ASSMANN-AK-330102-050-S Datasheet
322Kb / 2P
HDMI A/M - A/M CABLE
logo
Tripp Lite. All Rights ...
EZBHDMIM2 TRIPPLITE-EZBHDMIM2 Datasheet
468Kb / 2P
Easy Pull Type-B Connectors - (M/M set of HDMI)
logo
VITALCONN ELECTRONICS H...
HSM10AXLB01 VITALCONN-HSM10AXLB01 Datasheet
167Kb / 1P
HDMI A/M TYPE PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com