Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-RJ45-BOX-1 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-RJ45-BOX-1
Description  Waterproof Modular Adapter box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-RJ45-BOX-1 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-RJ45-BOX-1 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-RJ45-BOX-1
rev00
Wilson
24.09.13
Waterproof Modular
Adapter box
1 connection port
Free
Scale
X.X
X.XX
X.XXX
DIM
X.°
X.X°
Angle
TOL
±0.25
±0.10
±0.05
±1°
±X°
ASS 6270 CO
Groll
24.09.13
Quality Control: Inspection item
Note:
• Waterproof rating: IP67
• Cover: Black, ABS 94V-0
* Recommended cap: A-WP-COVER2
‘A’ Replacement: A-RJ45KU
A


Similar Part No. - A-RJ45-BOX-1

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45-BOX-1-R ASSMANN-A-RJ45-BOX-1-R Datasheet
312Kb / 1P
WATERPROOF ADAPTER BOK, 1 (IP69), 2(IP70), 4(IP72) CONTACTS
More results

Similar Description - A-RJ45-BOX-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
logo
Assmann Electronics Inc...
AT-23052 ASSMANN-AT-23052 Datasheet
68Kb / 1P
D-Siub Modular Adapter
AT-23054 ASSMANN-AT-23054 Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23055-R ASSMANN-AT-23055-R Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23064-R ASSMANN-AT-23064-R Datasheet
71Kb / 1P
DSub Modular Adapter
AT-23065 ASSMANN-AT-23065 Datasheet
69Kb / 1P
DSub Modular Adapter
AT-23067 ASSMANN-AT-23067 Datasheet
64Kb / 1P
D-Siub Modular Adapter
logo
Tripp Lite. All Rights ...
B090-A9M TRIPPLITE-B090-A9M Datasheet
159Kb / 2P
Modular Serial Adapter
logo
Good Will Instrument Co...
GHT-117 GWINSTEK-GHT-117 Datasheet
387Kb / 1P
High Voltage Adapter Box
logo
PANDUIT CORP.
FBA5 PANDUIT-FBA5 Datasheet
43Kb / 1P
FIRE BOX ADAPTER (FBA5)
11-10-03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com