Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-RJ45KU Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-RJ45KU
Description  ASS 1552 CO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-RJ45KU Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-RJ45KU Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
E
F
G
H
2
1
H
3
4
F
G
E
Modification
Name
Date
Sheet
6
5
Drawing-No.
Replace
Date
Name
1
2
3
4
5
6
7
D
C
B
A
Customer-No.
ASSMANN WSW-No.
Id.
TOLERANCE
7
A-RJ45 KU
ASS 1552 CO
Scale
Free
Drawn
rev04
Approved
Joanna
1
Drawn
Dean
23.06.2014
0.25mm
08.11.2007
Update
RoHS compliant
NOTES:
Waterproof Rate:IP67
Connector: ABS, Black
Screw Nut: Nylon+GF,Black
Gasket: EPDM 70
Use panel thickness max: 2.5mm
24AWG wires for cable
Packing: Tray
Hellwig
Hellwig
2
28.06.2010
08.11.2007
Unit: mm
Amy
Update
3
25.02.2014
3
Recommended Panel Cut-Out
4
4
Add spec
4
Joanna
23.06.2014
4
4


Similar Part No. - A-RJ45KU

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45KU-R ASSMANN-A-RJ45KU-R Datasheet
216Kb / 1P
RJ45 JACK, UNSHIELDED, R/A, CAT5E, PANEL TYPE, WATERPROOF IP67
More results

Similar Description - A-RJ45KU

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-2-A-E ASSMANN-A-USB-2-A-E Datasheet
193Kb / 1P
ASS 5764 CO
AU-Y1006 ASSMANN-AU-Y1006 Datasheet
242Kb / 1P
ASS 5776 CO
AWHW-14G-SMD ASSMANN-AWHW-14G-SMD Datasheet
179Kb / 1P
ASS 2316 CO
AWHW-40G-SMD-200 ASSMANN-AWHW-40G-SMD-200 Datasheet
154Kb / 1P
ASS 2319 CO
AWHW-60G-SMD ASSMANN-AWHW-60G-SMD Datasheet
179Kb / 1P
ASS 2316 CO
AWH-14G-E222-IDC ASSMANN-AWH-14G-E222-IDC Datasheet
211Kb / 1P
ASS 0532 CO
AWH-10G-E232-IDC ASSMANN-AWH-10G-E232-IDC Datasheet
211Kb / 1P
ASS 0532 CO
AWH-20G-E232-IDC ASSMANN-AWH-20G-E232-IDC Datasheet
211Kb / 1P
ASS 0532 CO
AWH-34G-E232-IDC ASSMANN-AWH-34G-E232-IDC Datasheet
211Kb / 1P
ASS 0532 CO
AWH-60G-E232-IDC ASSMANN-AWH-60G-E232-IDC Datasheet
211Kb / 1P
ASS 0532 CO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com