Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4432 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4432
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4432 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4432 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4432 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC4432
■
Features
●
High power gain.
●
High cutoff frequency.
●
Complementary to 2SA1815
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
40
Collector - Emitter Voltage
VCEO
18
Emitter - Base Voltage
VEBO
3
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
250
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
40
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
18
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
3
Collector-base cut-off current
ICBO
VCB= 30V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 2V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=10mA, IB=1mA
0.2
Base - emitter saturation voltage
VBE(sat) IC=10mA, IB=1mA
1.2
DC current gain
hFE
VCE= 10V, IC= 5 mA
60
270
Power Gain
PG
VCE= 10V, IC= 10mA,f=100MHz
28
dB
Base-to-Collector Time Constant
rbb’CC
23
ps
Reverse Transfer Capacitance
Cre
VCB= 10V,f=1MHz
0.45
Collector output capacitance
Cob
VCB= 10V,f=1MHz
0.7
1.2
Transition frequency
fT
VCE= 10V, IC= 5mA
750
MHz
V
uA
V
pF
■
Classification of hfe
Type
2SC4432-RT3 2SC4432-RT4 2SC4432-RT5
Range
60-120
90-180
135-270
Marking
RT3
RT4
RT5
VCE= 10V, IC= 5 mA,f=31.9 MHz


Similar Part No. - 2SC4432

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4432 SANYO-2SC4432 Datasheet
44Kb / 2P
High-Frequency General-Purpose
logo
Guangdong Kexin Industr...
2SC4432-3 KEXIN-2SC4432-3 Datasheet
978Kb / 2P
NPN Transistors
2SC4432-HF KEXIN-2SC4432-HF Datasheet
952Kb / 2P
NPN Transistors
2SC4432-HF-3 KEXIN-2SC4432-HF-3 Datasheet
1Mb / 2P
NPN Transistors
2SC4432-RT3 KEXIN-2SC4432-RT3 Datasheet
978Kb / 2P
NPN Transistors
More results

Similar Description - 2SC4432

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com