Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4432-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4432-3
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4432-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4432-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4432-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC4432
Typical Characterisitics
100
7
5
7
5
3
2
5
3
2
10
hFE -- IC
VCE=10V
VCE=10V
fT -- IC
7
5
3
1000
100
2
3
2
7
5
10
1.0
2
5
3
7
3
100
2
5
3
7
7
1.0
0.1
2
5
3
7
10
2
5
3
7
2
2
5
3
7 100
1.0
7
5
7
5
3
2
3
2
0.1
7
5
10
1.0
2
5
3
7
0.1
2
5
5
2
7
3
3
Cre -- VCB
f=1MHz
VCE=10V
16
18
20
22
24
28
26
30
PG -- IC
7
3
2
5
10
1.0
5
5
2
3
7
7
3
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
0
300
250
200
150
100
50
20
0
6
0
40
80
100
140
120
160
PC -- Ta
1.0
10
0.1
5 7
5
3
2
7
5
3
2
7
100
5
3
2
7
5
7
3
3
5
7
2
1000
3
2
100
VCE(sat) -- IC
IC / IB=10
Collector Current, IC -- mA
Ambient Temperature, Ta -- ϒC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com