Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BFS17-3
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BFS17-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BFS17-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BFS17-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BFS17 (KFS17)
■
Typical Characterisitics
Fig.2 DC current gain as a function of
collector current.
VCE = 1 V; Tj = 25 °C.
0
100
50
0
0
3
0
1
20
IC (mA)
hFE
Fig.3 Collector capacitance as a function of
collector-base voltage.
IE = ie = 0; f = 1 MHz; Tj = 25 °C.
0
2.0
0
1.6
30
1.2
0.4
Cc
(pF)
VCB (V)
10
0.8
20
Fig.4 Transition frequency as a function of
collector current.
VCE = 5 V; f = 500 MHz; Tj = 25 °C.
0
10
20
30
2
0
1
IC (mA)
fT
(GHz)
Fig.5 Minimum noise figure as a function of
collector current.
VCE = 5 V; RS = 50 Ω; f = 500 MHz; Tj = 25 °C.
0
10
0
12
4
8
F
5
16
20
IC (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com