Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC1730-O Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSC1730-O
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSC1730-O Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KSC1730-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSC1730-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
0
2
4
6
8
10
0
2
4
6
8
10
I
B = 90uA
I
B = 80uA
I
B = 70uA
I
B = 60uA
I
B = 50uA
I
B = 40uA
I
B = 30uA
I
B = 20uA
I
B = 10uA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
1
1
10
100
1000
VCE = 10V
IC[mA], COLLECTOR CURRENT
0
1
1
1
.
0
0.01
0.1
1
10
VCE(sat)
VBE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
0
0
1
0
1
1
0.1
1
10
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
0
1
1
1
.
0
100
1000
IC[mA], COLLECTOR CURRENT
NPN Transistors
KSC1730-HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com