Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 19 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAV400_15 Datasheet HTML 15Page - Analog Devices ADAV400_15 Datasheet HTML 16Page - Analog Devices ADAV400_15 Datasheet HTML 17Page - Analog Devices ADAV400_15 Datasheet HTML 18Page - Analog Devices ADAV400_15 Datasheet HTML 19Page - Analog Devices ADAV400_15 Datasheet HTML 20Page - Analog Devices ADAV400_15 Datasheet HTML 21Page - Analog Devices ADAV400_15 Datasheet HTML 22Page - Analog Devices ADAV400_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADAV400
Rev. A | Page 19 of 36
RAMS AND REGISTERS
Table 10. Control Port Addresses
I2C Subaddress
Register Name
Read/Write Word Length
0 to 1023 (0x0000 to 0x03FF)
Parameter RAM
Write: 4 bytes; read: 4 bytes
1024 to 3584 (0x0400 to 0x0E00)
Program RAM
Write: 6 bytes; read: 6 bytes
4096 to 4159 (0x1000 to 0x103F)
Target/slew RAM
Write: 5 bytes; read: N/A
4160 to 4164 (0x1040 to 0x1044)
Parameter RAM Data Safe Load Register [0:4]
Write: 5 bytes; read: N/A
4165 to 4169 (0x1045 to 0x1049)
Parameter RAM Indirect Address Safe Load Register [0:4]
Write: 2 bytes; read: N/A
4170 to 4175 (0x104A to 0x104F)
Data Capture Register [0:5] (control port readback)
Write: 2 bytes; read: 3 bytes
4176 to 4177 (0x1050 to 0x1051)
Data capture registers (digital output)
Write: 2 bytes; read: N/A
4178 (0x1052)
Audio core control register
Write: 2 bytes; read: 2 bytes
4179 (0x1053)
RAM modulo control register
Write: 1 byte; read: 1 byte
4180 (0x1054)
Serial output control register
Write: 2 bytes; read: 2 bytes
4181 (0x1055)
Serial input control register
Write: 1 byte; read: 1 byte
4182 (0x1056)
SRC serial port control register
Write: 1 byte; read: 1 byte
4183 (0x1057)
ADC input mux control register
Write: 2 bytes; read: 2 bytes
4184 (0x1058)
Power control register
Write: 2 bytes; read: 2 bytes
4185 (0x1059)
User Control 1 register
Write: 2 bytes; read: 2 bytes
4186 (0x105A)
User Control 2 register
Write: 2 bytes; read: 2 bytes
4365 (0x110D)
DAC amplifier register
Write: 2 bytes; read: 2 bytes
Table 11. RAM Read/Write Modes
Memory
Size
Subaddress Range
Read
Write
Burst Mode Available
Write Modes
Parameter RAM
1024 × 28
0 to 1023
(0x0000 to 0x03FF)
Yes
Yes
Yes
Direct write,1 safe load write
Program RAM
2560 × 42
1024 to 3584
(0x0400 to 0x0E00)
Yes
Yes
Yes
Direct write1
Target/Slew RAM
64 × 34
4096 to 4159
(0x1000 to 0x1044)
No
Yes
No
Safe load write
1 To avoid clicks or pops, mute the DSP core first.
CONTROL PORT ADDRESSING
Table 10 shows the addressing of the RAM and register spaces
on the ADAV400. The address space encompasses a set of
registers and three RAMs: parameter, program, and target/slew.
Table 11 lists the sizes and available writing modes of the
parameter, program, and target/slew RAMs.
PARAMETER RAM CONTENTS
The parameter RAM is 28 bits wide and occupies Address 0 to
Address 1023. The parameter RAM is initialized to all 0s on
power-up. The data format of the parameter RAM is twos
complement 5.23. This means that the coefficients can range
from +16.0 (−1 LSB) to −16.0, with 1.0 represented by the
binary word 0000 1000 0000 0000 0000 0000 0000.
Options for Parameter Updates
The parameter RAM can be written to and read from using one
of the two following methods:
•
Direct Read/Write.
This method allows direct access to the program and
parameter RAMs. It is normally used during a complete
new load of the RAMs using burst mode addressing. To
avoid clicks or pops in the outputs, it is recommended to set
the clear registers bit in the audio core control register to 0.
•
Safe Load Write.
Up to five safe load registers can be loaded with parameter
RAM address data. The data is transferred to the requested
address when the RAM is idle. It is recommended to use
this method for dynamic updates during run time. For
example, a complete update of one biquad section can
occur in one audio frame. This method is not available for
writing to the program RAM or control registers. The
following sections discuss these two options in more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com