Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP341 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP341
Description  Comparators and Reference with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP341 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP341_15 Datasheet HTML 4Page - Analog Devices ADCMP341_15 Datasheet HTML 5Page - Analog Devices ADCMP341_15 Datasheet HTML 6Page - Analog Devices ADCMP341_15 Datasheet HTML 7Page - Analog Devices ADCMP341_15 Datasheet HTML 8Page - Analog Devices ADCMP341_15 Datasheet HTML 9Page - Analog Devices ADCMP341_15 Datasheet HTML 10Page - Analog Devices ADCMP341_15 Datasheet HTML 11Page - Analog Devices ADCMP341_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCMP341/ADCMP343
Data Sheet
Rev. A | Page 8 of 12
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
0.01
1000
10
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 18. Output Saturation Voltage vs. Output Sink Current
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
1000
10
0.01
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 85°C
Figure 19. Output Saturation Voltage vs. Output Sink Current
0
OUTPUT VOLTAGE (V)
40
20
02
70
4
60
30
10
50
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 20. Short-Circuit Current vs. Output Voltage
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
1000
10
0.01
1
VDD = 5.0V
TA = –40°C
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 21. Output Saturation Voltage vs. Output Sink Current
0
OUTPUT VOLTAGE (V)
40
20
02
80
4
60
30
10
70
50
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
VDD = 5V
Figure 22. Short-Circuit Current vs. Output Voltage
0.001
OUTPUT VOLTAGE (V)
0.01
0123
10
45
1
0.1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V
Figure 23. Output Leakage Current vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com