Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP563 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP563
Description  Dual, High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP563 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP563_15 Datasheet HTML 3Page - Analog Devices ADCMP563_15 Datasheet HTML 4Page - Analog Devices ADCMP563_15 Datasheet HTML 5Page - Analog Devices ADCMP563_15 Datasheet HTML 6Page - Analog Devices ADCMP563_15 Datasheet HTML 7Page - Analog Devices ADCMP563_15 Datasheet HTML 8Page - Analog Devices ADCMP563_15 Datasheet HTML 9Page - Analog Devices ADCMP563_15 Datasheet HTML 10Page - Analog Devices ADCMP563_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP563/ADCMP564
Rev. C | Page 7 of 16
Pin No.
ADCMP563
16-Lead
QSOP
ADCMP563
16-Lead
LFCSP
ADCMP564
20-Lead
QSOP
Mnemonic
Function
12
6
15
LEB
One of Two Complementary Inputs for Channel B Latch Enable. In compare
mode (logic low), the output tracks change at the input of the comparator.
In latch mode (logic high), the output reflects the input state just prior to the
comparator being placed in the latch mode. LEB must be driven in conjunction
with LEB. If left unconnected, the comparator defaults to compare mode.
13
7
16
LEB
One of Two Complementary Inputs for Channel B Latch Enable. In compare
mode (logic high), the output tracks change at the input of the comparator.
In latch mode (logic low), the output reflects the input state just prior to the
comparator being placed in the latch mode. LEB must be driven in conjunction
with LEB. If left unconnected, the comparator defaults to compare mode.
14
8
17
GND
Analog Ground.
15
9
18
QB
One of Two Complementary Outputs for Channel B. QB is logic low if the
analog voltage at the noninverting input is greater than the analog voltage
at the inverting input (provided the comparator is in compare mode). See
the description of the LEB pin for more information.
16
10
19
QB
One of Two Complementary Outputs for Channel B. QB is logic high if the
analog voltage at the noninverting input is greater than the analog voltage
at the inverting input (provided the comparator is in compare mode). See the
description of the LEB pin for more information.
20
GND
Analog Ground.
EPAD
EPAD
Exposed Pad. The exposed pad should be either connected to VEE or left
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com