Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP582 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP582
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP582 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP582_15 Datasheet HTML 1Page - Analog Devices ADCMP582_15 Datasheet HTML 2Page - Analog Devices ADCMP582_15 Datasheet HTML 3Page - Analog Devices ADCMP582_15 Datasheet HTML 4Page - Analog Devices ADCMP582_15 Datasheet HTML 5Page - Analog Devices ADCMP582_15 Datasheet HTML 6Page - Analog Devices ADCMP582_15 Datasheet HTML 7Page - Analog Devices ADCMP582_15 Datasheet HTML 8Page - Analog Devices ADCMP582_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Rev. A | Page 3 of 16
SPECIFICATIONS
VCCI = 5.0 V; VEE = −5.0 V; VCCO = 3.3 V; TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Input Voltage Range
VP, VN
−2.0
+3.0
V
Input Differential Range
−2.0
+2.0
V
Input Offset Voltage
VOS
−10.0
±4
+10.0
mV
Offset Voltage Temperature Coefficient
ΔVOS/dT
10
μV/°C
Input Bias Current
IP, IN
Open termination
15
30.0
μA
Input Bias Current Temperature Coefficient
ΔIB/dT
50
nA/°C
Input Offset Current
+2
±5.0
μA
Input Resistance
47 to 53
Ω
Input Resistance, Differential Mode
Open termination
50
kΩ
Input Resistance, Common Mode
Open termination
500
kΩ
Active Gain
AV
48
dB
Common-Mode Rejection Ratio
CMRR
VCM = −2.0 V to +3.0 V
60
dB
Hysteresis
RHYS = ∞
1
mV
LATCH ENABLE CHARACTERISTICS
Latch Enable Input Impedance
ZIN
Each pin, VTT at ac ground
47 to 53
Ω
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 200 mV
175
ps
Latch Minimum Pulse Width
tPL
VOD = 200 mV
100
ps
ADCMP580 (CML)
Latch Enable Input Range
−0.8
0
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 200 mV
95
ps
Latch Hold Time
tH
VOD = 200 mV
−90
ps
ADCMP581 (NECL)
Latch Enable Input Range
−1.8
+0.8
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 200 mV
70
ps
Latch Hold Time
tH
VOD = 200 mV
−65
ps
ADCMP582 (PECL)
Latch Enable Input Range
VCCO − 1.8
VCCO − 0.8
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 200 mV
30
ps
Latch Hold Time
tH
VOD = 200 mV
−25
ps
DC OUTPUT CHARACTERISTICS
ADCMP580 (CML)
Output Impedance
ZOUT
50
Ω
Output Voltage High Level
VOH
50 Ω to GND
−0.10
0
+0.03
V
Output Voltage Low Level
VOL
50 Ω to GND
−0.50
−0.40
−0.35
V
Output Voltage Differential
50 Ω to GND
340
395
450
mV
ADCMP581 (NECL)
Output Voltage High Level
VOH
50 Ω to −2 V, TA = 125°C
−0.99
−0.87
−0.75
V
Output Voltage High Level
VOH
50 Ω to −2 V, TA = 25°C
−1.06
−0.94
−0.82
V
Output Voltage High Level
VOH
50 Ω to −2 V, TA = −55°C
−1.11
−0.99
−0.87
V
Output Voltage Low Level
VOL
50 Ω to −2 V, TA = 125°C
−1.43
−1.26
−1.13
V
Output Voltage Low Level
VOL
50 Ω to −2 V, TA = 25°C
−1.50
−1.33
−1.20
V
Output Voltage Low Level
VOL
50 Ω to −2 V, TA = −55°C
−1.55
−1.38
−1.25
V
Output Voltage Differential
50 Ω to −2.0 V
340
395
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com