Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP600BKJZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP600BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600BKJZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP600BKJZ Datasheet HTML 3Page - Analog Devices ADCMP600BKJZ Datasheet HTML 4Page - Analog Devices ADCMP600BKJZ Datasheet HTML 5Page - Analog Devices ADCMP600BKJZ Datasheet HTML 6Page - Analog Devices ADCMP600BKJZ Datasheet HTML 7Page - Analog Devices ADCMP600BKJZ Datasheet HTML 8Page - Analog Devices ADCMP600BKJZ Datasheet HTML 9Page - Analog Devices ADCMP600BKJZ Datasheet HTML 10Page - Analog Devices ADCMP600BKJZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Q
1
VP 3
GND
2
VCCI/VCCO
5
VN
4
ADCMP600
TOP VIEW
(Not to Scale)
Q
1
GND
2
VP 3
VCCI/VCCO
6
LE/HYS
5
VN
4
ADCMP601
TOP VIEW
(Not to Scale)
VCCI 1
VP 2
VN 3
SDN 4
VCCO
8
Q
7
GND
6
LE/HYS
5
ADCMP602
TOP VIEW
(Not to Scale)
Figure 3. ADCMP600 Pin Configuration
Figure 4. ADCMP601 Pin Configuration
Figure 5. ADCMP602 Pin Configuration
Table 5. ADCMP600 (SOT-23-5 and SC70-5) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, V
P, is greater
than the analog voltage at the inverting input, V
N.
2
GND
Negative Supply Voltage.
3
V
P
Noninverting Analog Input.
4
V
N
Inverting Analog Input.
5
V
CCI/VCCO
Input Section Supply/Output Section Supply. Shared pin.
Table 6. ADCMP601 (SC70-6) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, V
P, is greater
than the analog voltage at the inverting input, V
N, if the comparator is in compare mode.
2
GND
Negative Supply Voltage.
3
V
P
Noninverting Analog Input.
4
V
N
Inverting Analog Input.
5
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch.
6
V
CCI/VCCO
Input Section Supply/Output Section Supply. Shared pin.
Table 7. ADCMP602 (MSOP-8) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
CCI
Input Section Supply.
2
V
P
Noninverting Analog Input.
3
V
N
Inverting Analog Input.
4
S
DN
Shutdown. Drive this pin low to shut down the device.
5
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch.
6
GND
Negative Supply Voltage.
7
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, V
P, is greater
than the analog voltage at the inverting input, V
N, if the comparator is in compare mode.
8
V
CCO
Output Section Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com