Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP601BKJZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP601BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP601BKJZ Datasheet(HTML) 3 Page - Analog Devices

  ADCMP601BKJZ Datasheet HTML 1Page - Analog Devices ADCMP601BKJZ Datasheet HTML 2Page - Analog Devices ADCMP601BKJZ Datasheet HTML 3Page - Analog Devices ADCMP601BKJZ Datasheet HTML 4Page - Analog Devices ADCMP601BKJZ Datasheet HTML 5Page - Analog Devices ADCMP601BKJZ Datasheet HTML 6Page - Analog Devices ADCMP601BKJZ Datasheet HTML 7Page - Analog Devices ADCMP601BKJZ Datasheet HTML 8Page - Analog Devices ADCMP601BKJZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. A | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
V
P, VN
V
CC = 2.5 V to 5.5 V
−0.5
V
CC + 0.2
V
Common-Mode Range
V
CC = 2.5 V to 5.5 V
−0.2
V
CC + 0.2
V
Differential Voltage
V
CC = 2.5 V to 5.5 V
V
CC + 0.8
V
Offset Voltage
V
OS
−5.0
±2
+5.0
mV
Bias Current
I
P, IN
−5.0
±2
+5.0
µA
Offset Current
−2.0
+2.0
µA
Capacitance
C
P, CN
1
pF
Resistance, Differential Mode
−0.1 V to V
CC
200
700
kΩ
Resistance, Common Mode
−0.5 V to V
CC + 0.5 V
100
350
kΩ
Active Gain
A
V
85
dB
Common-Mode Rejection Ratio
CMRR
V
CCI = 2.5 V, VCCO = 2.5 V,
V
CM = −0.2 V to +2.7 V
50
dB
V
CCI = 2.5 V, VCCO = 5.5 V
50
dB
Hysteresis (ADCMP600)
2
mV
Hysteresis (ADCMP601/ADCMP602)
R
HYS = ∞
0.1
mV
LATCH ENABLE PIN CHARACTERISTICS
(ADCMP601/ADCMP602 Only)
V
IH
Hysteresis is shut off
2.0
V
CC
V
V
IL
Latch mode guaranteed
−0.2
+0.4
+0.8
V
I
IH
V
IH = VCC
−6
+6
µA
I
OL
V
IL = 0.4 V
−0.1
+0.1
mA
HYSTERESIS MODE AND TIMING
(ADCMP601/ADCMP602 Only)
Hysteresis Mode Bias Voltage
Current −1 μA
1.145
1.25
1.35
V
Resistor Value
Hysteresis = 120 mV
65
80
120
kΩ
Hysteresis Current
Hysteresis = 120 mV
−18
−12
−7
µA
Latch Setup Time
t
S
V
OD = 50 mV
−2
ns
Latch Hold Time
t
H
V
OD = 50 mV
2.6
ns
Latch-to-Output Delay
t
PLOH, tPLOL
V
OD = 50 mV
27
ns
Latch Minimum Pulse Width
t
PL
V
OD = 50 mV
21
ns
SHUTDOWN PIN CHARACTERISTICS
(ADCMP602 Only)
V
IH
Comparator is operating
2.0
V
CCO
V
V
IL
Shutdown guaranteed
−0.2
+0.4
+0.6
V
I
IH
V
IH = VCC
−6
6
µA
I
OL
V
IL = 0 V
−100
µA
Sleep Time
t
SD
I
CCO < 500 µA
20
ns
Wake-Up Time
t
H
V
OD = 100 mV, output valid
50
ns
DC OUTPUT CHARACTERISTICS
V
CCO = 2.5 V to 5.5 V
Output Voltage High Level
V
OH
I
OH = 8 mA, VCCO = 2.5 V
V
CC − 0.4
V
Output Voltage Low Level
V
OL
I
OL = 8 mA, VCCO = 2.5 V
0.4
V
Output Voltage High Level at −40°C
V
OH
I
OH = 6 mA, VCCO = 2.5 V
V
CC − 0.4
V
Output Voltage Low Level at− 40°C
V
OL
I
OL = 6 mA, VCCO = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com