Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5 Comparator With 400 mV Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP670_15 Datasheet HTML 7Page - Analog Devices ADCMP670_15 Datasheet HTML 8Page - Analog Devices ADCMP670_15 Datasheet HTML 9Page - Analog Devices ADCMP670_15 Datasheet HTML 10Page - Analog Devices ADCMP670_15 Datasheet HTML 11Page - Analog Devices ADCMP670_15 Datasheet HTML 12Page - Analog Devices ADCMP670_15 Datasheet HTML 13Page - Analog Devices ADCMP670_15 Datasheet HTML 14Page - Analog Devices ADCMP670_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP670
Rev. A | Page 11 of
16
1
100
10
1000
OUTPUT SINK CURRENT (mA)
0.001
0.1
0.01
10
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
1000
10
0.01
1
VDD = 5.0V
TA = –40°C
TA = 25°C
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 22. Output Saturation Voltage vs. Output Sink Current
1
100
10
1000
OUTPUT SINK CURRENT (mA)
0.001
0.1
10
0.01
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 85°C
0
OUTPUT VOLTAGE (V)
02
4
Figure 23. Output Saturation Voltage vs. Output Sink Current
40
20
70
60
30
10
50
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 25. Output Saturation Voltage vs. Output Sink Current
0
OUTPUT VOLTAGE (V)
40
20
02
80
4
60
30
10
70
50
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
VDD = 5V
Figure 26. Output Short-Circuit Current
TA = 25°C
Figure 24. Output Short-Circuit Current
0.001
0.01
10
1
0.1
OUTPUT VOLTAGE (V)
0123
45
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V
Figure 27. Output Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com