Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP605
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP605_15 Datasheet HTML 6Page - Analog Devices ADCMP605_15 Datasheet HTML 7Page - Analog Devices ADCMP605_15 Datasheet HTML 8Page - Analog Devices ADCMP605_15 Datasheet HTML 9Page - Analog Devices ADCMP605_15 Datasheet HTML 10Page - Analog Devices ADCMP605_15 Datasheet HTML 11Page - Analog Devices ADCMP605_15 Datasheet HTML 12Page - Analog Devices ADCMP605_15 Datasheet HTML 13Page - Analog Devices ADCMP605_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADCMP604/ADCMP605
Data Sheet
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 70 kΩ ± 20% throughout the
hysteresis control range. The advantages of applying hysteresis
in this manner are improved accuracy, improved stability, reduced
component count, and maximum versatility. An external bypass
capacitor is not recommended on the HYS pin because it would
likely degrade the jitter performance of the device and impair the
latch function. As described in the Using/Disabling the Latch
Feature section, hysteresis control need not compromise the
latch function.
0
50
100
150
200
250
50
100
150
200
250
300
350
400
450
500
HYSTERESIS RESISTOR (kΩ)
VCC = 2.5V
VCC = 5.5V
Figure 20. Hysteresis vs. RHYS Control Resistor
CROSSOVER BIAS POINTS
Rail-to-rail inputs of this type, in both op amps and comparators,
have a dual front-end design. Certain devices are active near the
VCCI rail and others are active near the VEE rail. At some
predetermined point in the common-mode range, a crossover
occurs. At this point, normally VCCI/2, the direction of the bias
current reverses and there are changes in measured offset
voltages and currents.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PCB design
practice, as discussed in the Optimizing Performance section,
these comparators should be stable at any input slew rate with
no hysteresis. Broadband noise from the input stage is observed
in place of the violent chattering seen with most other high
speed comparators. With additional capacitive loading or poor
bypassing, oscillation is observed. This oscillation is due to the
high gain bandwidth of the comparator in combination with
feedback parasitics in the package and PCB. In many applications,
chattering is not harmful.
Rev. B | Page 12 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com