Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP607
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP607_15 Datasheet HTML 6Page - Analog Devices ADCMP607_15 Datasheet HTML 7Page - Analog Devices ADCMP607_15 Datasheet HTML 8Page - Analog Devices ADCMP607_15 Datasheet HTML 9Page - Analog Devices ADCMP607_15 Datasheet HTML 10Page - Analog Devices ADCMP607_15 Datasheet HTML 11Page - Analog Devices ADCMP607_15 Datasheet HTML 12Page - Analog Devices ADCMP607_15 Datasheet HTML 13Page - Analog Devices ADCMP607_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADCMP606/ADCMP607
Rev. B | Page 13 of 14
TYPICAL APPLICATION CIRCUITS
ADCMP606
CML
OUTPUT
0.1µF
2.5V TO 5V
0.1µF
2kΩ
2kΩ
INPUT
50Ω
50Ω
Figure 19. Self-Biased, 50% Slicer
ADCMP606
100Ω
50Ω
50Ω
LVDS
CML
OUTPUT
3.3V
Figure 20. LVDS to CML
LE/HYS
ADCMP607
5V
82pF
10kΩ
10kΩ
10kΩ
CONTROL
CURRENT
CML
OUTPUT
50Ω
50Ω
Figure 21. Current-Controlled Oscillator
ADCMP607
100Ω
50Ω
50Ω
LVDS
3.3V
PECL
VCCO
1N4001
VCCI
3.3V
Figure 22. Fake PECL Levels Using a Series Diode
INPUT
2.5V
REF
INPUT
2.5V
±50mV
LE/HYS
ADCMP601
150pF
10kΩ
10kΩ
100kΩ
10kΩ
ADCMP606
5V
CML
PWM
OUTPUT
50Ω
50Ω
Figure 23. Oscillator and Pulse-Width Modulator
150kΩ
150kΩ
LE/HYS
DIGITAL
INPUT
CONTROL
VOLTAGE
0V TO 2.5V
74 VHC
1G07
ADCMP607
50Ω
50Ω
2.5V TO 5V
Figure 24. Hysteresis Adjustment with Latch
ADCMP607
50Ω
50Ω
OUTPUT
VCCO
+2.5V – 3V
VCCI
–2.5V
VEE
Figure 25. Ground-Referenced CML with ±3 V Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com