Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MCKSSP-80100-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCKSSP-80100-R
Description  Cat5e SFTP Crossover Patch cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCKSSP-80100-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCKSSP-80100-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-MCKSSP-800xx-R
rev00
Wilson
10.07.14
Cat5e SFTP Crossover Patch cable
26AWG, gold plating
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
10.07.14
Wilson
Drawn
Groll
10.07.14
Order lengths in meter: 0.5, 1, 2, 3,
5, 10, 15, 20, 30
Order Code: A-MCKSSP-800xx-R
Material:
• Conductors: 26AWG 7*0.16±0.015mm
• Conductor Insulation color coding: (1) White/Orange, (1) Orange, (1) White/Green,
(1) Green, (1) Blue, (1) White/Blue, (1) White/Brown, (1) Brown
• Cable jacket printing: CM (UL) C(UL) 4P 26AWG SFTP CAT.5E PATCH CABLE
ISO/IEC 11801 & EN 50288 & ANSI/TIA-568-C.2
• Wiring T568B Color
• P1 & P2 Contact plug: RJ45 8P8C 3 pc UL 94V-2
• Cable tie: White
• Dielectric strength: 2.5KV dc-2seconds
• Working temperatures: -20°C ~ +60°C


Similar Part No. - A-MCKSSP-80100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCKSSP-80150-R ASSMANN-A-MCKSSP-80150-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
More results

Similar Description - A-MCKSSP-80100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCKSSP-80005-R ASSMANN-A-MCKSSP-80005-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80010-R ASSMANN-A-MCKSSP-80010-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80200-R ASSMANN-A-MCKSSP-80200-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80020-R ASSMANN-A-MCKSSP-80020-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80030-R ASSMANN-A-MCKSSP-80030-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80050-R ASSMANN-A-MCKSSP-80050-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCKSSP-80150-R ASSMANN-A-MCKSSP-80150-R Datasheet
107Kb / 1P
Cat5e SFTP Crossover Patch cable
A-MCSSP-80005-R ASSMANN-A-MCSSP-80005-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80010-R ASSMANN-A-MCSSP-80010-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80070-R ASSMANN-A-MCSSP-80070-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com