Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7116 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7116
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7116 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7116_15 Datasheet HTML 59Page - Analog Devices ADE7116_15 Datasheet HTML 60Page - Analog Devices ADE7116_15 Datasheet HTML 61Page - Analog Devices ADE7116_15 Datasheet HTML 62Page - Analog Devices ADE7116_15 Datasheet HTML 63Page - Analog Devices ADE7116_15 Datasheet HTML 64Page - Analog Devices ADE7116_15 Datasheet HTML 65Page - Analog Devices ADE7116_15 Datasheet HTML 66Page - Analog Devices ADE7116_15 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 63 of
152
FREQUENCY (Hz)
–24
1
–20
310
30
1
–12
–16
–8
–4
0
00
Figure 65. Frequency Response of LPF2
Active Power Gain Calibration
Figure 66 shows the signal processing chain for the active power
calculation in the ADE7116/ADE7156/ADE7166/ADE7169/
ADE7566/ADE7569. The active power is calculated by filtering
the output of the multiplier with a low-pass filter. Note that
,
when reading the waveform samples from the output of LPF2,
the gain of the active energy can be adjusted by using the multi-
plier and watt gain register (WGAIN[11:0], Address 0x1D). The
gain is adjusted by writing a twos complement 12-bit word to
the watt gain register. Equation 12 shows how the gain
adjustment is related to the contents of the watt gain register.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
=
12
2
1
WGAIN
Power
Active
WGAIN
Output
(12)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50% (0x7FF = 2047d, 2047/212 = 0.5).
Similarly, 0x800 = −2048d (signed, twos complement) and
power output is scaled by −50%. Each LSB scales the power
output by 0.0244%. The minimum output range is given when
the watt gain register contents are equal to 0x800, and the
maximum range is given by writing 0x7FF to the watt gain
register. This can be used to calibrate the active power (or
energy) calculation in the ADE7116/ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569.
Active Power Offset Calibration
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 also incorporate an active power offset register
(WATTOS[15:0], Address 0x20). It is a signed, twos complement,
16-bit register that can be used to remove offsets in the active
power calculation (see Figure 64). An offset can exist in the
power calculation due to crosstalk between channels on the
PCB or in the IC itself. The offset calibration allows the contents
of the active power register to be maintained at 0 when no power
is being consumed.
The 256 LSBs (WATTOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value, output from LPF2 is
0xCCCCD (838,861d) when inputs on the voltage and current
channels are both at full scale. At −60 dB down on the current
channel (1/1000 of the current channel full-scale input), the
average word value output from LPF2 is 838.861 (838,861/1000).
One LSB in the LPF2 output has a measurement error of
1/838.861 × 100% = 0.119% of the average value. The active
power offset register has a resolution equal to 1/256 LSB of the
waveform register. Therefore, the power offset correction
resolution is 0.000464%/LSB (0.119%/256) at −60 dB.
Active Power Sign Detection
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 detect a change of sign in the active power. The
APSIGN flag (Bit 3) in the Interrupt Status 1 SFR (MIRQSTL,
Address 0xDC) records when a change of sign has occurred
according to the APSIGN bit (Bit 4) in the ACCMODE register
(Address 0x0F). If the APSIGN flag (Bit 3) is set in the Interrupt
Enable 1 SFR (MIRQENL, Address 0xD9), the 8052 core has a
pending ADE interrupt. The ADE interrupt stays active until
the APSIGN status bit is cleared (see the Energy Measurement
Interrupts section).
When APSIGN (Bit 4) in the ACCMODE register (Address
0x0F) is cleared (default), the APSIGN flag (Bit 3) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set when a
transition from positive to negative active power occurs.
When the APSIGN bit (Bit 4) in the ACCMODE register
(Address 0x0F) is set, the APSIGN flag (Bit 3) in the MIRQSTL
SFR (Address 0xDC) is set when a transition from negative to
positive active power occurs.
Active Power No Load Detection
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 include a no load threshold feature on the active
energy that eliminates any creep effects in the meter. The part
accomplishes this by not accumulating energy if the multiplier
output is below the no load threshold. When the active power is
below the no load threshold, the APNOLOAD flag (Bit 0) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set. If the
APNOLOAD bit (Bit 0) is set in the Interrupt Enable 1 SFR
(MIRQENL, Address 0xD9), the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the APNOLOAD
status bit is cleared (see the Energy Measurement Interrupts
section).
The no load threshold level is selectable by setting the
APNOLOAD bits (Bits[1:0]) in the NLMODE register (Address
0x0E). Setting these bits to 0b00 disables the no load detection,
and setting them to 0b01, 0b10, or 0b11 sets the no load
detection threshold to 0.015%, 0.0075%, or 0.0037% of the
multiplier’s full-scale output frequency, respectively. The IEC
62053-21 specification states that the meter must start up with a
load of ≤0.4% IPB, which translates to 0.0167% of the full-scale
output frequency of the multiplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com