Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7156 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7156
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7156 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7156_15 Datasheet HTML 12Page - Analog Devices ADE7156_15 Datasheet HTML 13Page - Analog Devices ADE7156_15 Datasheet HTML 14Page - Analog Devices ADE7156_15 Datasheet HTML 15Page - Analog Devices ADE7156_15 Datasheet HTML 16Page - Analog Devices ADE7156_15 Datasheet HTML 17Page - Analog Devices ADE7156_15 Datasheet HTML 18Page - Analog Devices ADE7156_15 Datasheet HTML 19Page - Analog Devices ADE7156_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 16 of 1
52
COM2/FP28
COM1
COM0
P1.4/T2/FP23
P1.3/T2EX/FP24
P1.2/FP25
COM3/FP27
P1.5/FP22
P1.6/FP21
P1.7/FP20
P2.0/FP18
P2.1/FP17
P2.2/FP16
LCDVC
LCDVP2
P0.1/FP19
ADE7566/ADE7569
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
XTAL1
XTAL2
P0.3/CF2
P0.2/CF1/RTCCAL
P0.4/MOSI/SDATA
P0.5/MISO
P0.6/SCLK/T0
P1.0/RxD
P1.1/TxD
FP0
FP1
FP2
INT0
PIN 1
INDICATOR
BCTRL/INT1/P0.0
SDEN/P2.3
P0.7/SS/T1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NOTES
1. IT IS RECOMMENDED THAT THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP BE
CONNECTED TO THE GROUND PLANE ON THE BOARD.
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration for the ADE7566/ADE7569
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COM3/FP27
Common Output 3/LCD Segment Output 27. COM3 is used for the LCD backplane.
2
COM2/FP28
Common Output 2/LCD Segment Output 28. COM2 is used for the LCD backplane.
3
COM1
Common Output 1. COM1 is used for the LCD backplane.
4
COM0
Common Output 0. COM0 is used for the LCD backplane.
5
P1.2/FP25
General-Purpose Digital I/O Port 1.2/LCD Segment Output 25.
6
P1.3/T2EX/FP24
General-Purpose Digital I/O Port 1.3/Timer 2 Control Input/LCD Segment Output 24.
7
P1.4/T2/FP23
General-Purpose Digital I/O Port 1.4/Timer 2 Input/LCD Segment Output 23.
8
P1.5/FP22
General-Purpose Digital I/O Port 1.5/LCD Segment Output 22.
9
P1.6/FP21
General-Purpose Digital I/O Port 1.6/LCD Segment Output 21.
10
P1.7/FP20
General-Purpose Digital I/O Port 1.7/LCD Segment Output 20.
11
P0.1/FP19
General-Purpose Digital I/O Port 0.1/LCD Segment Output 19.
12
P2.0/FP18
General-Purpose Digital I/O Port 2.0/LCD Segment Output 18.
13
P2.1/FP17
General-Purpose Digital I/O Port 2.1/LCD Segment Output 17.
14
P2.2/FP16
General-Purpose Digital I/O Port 2.2/LCD Segment Output 16.
15
LCDVC
This pin can be either an analog input when the LCD resistor driver is enabled or an analog output when
the LCD charge pump is enabled. When this pin is an analog output, it should be decoupled with a 470 nF
capacitor. When this pin is an analog input, it is internally connected to VDD. A resistor should be connected
between this pin and LCDVB to generate the two highest voltages for the LCD waveforms (see the LCD
Driver section).
16
LCDVP2
This pin can be either an analog input when the LCD resistor driver is enabled or an analog output when
the LCD charge pump is enabled. When this pin is an analog output, a 100 nF capacitor should be connected
between this pin and LCDVP1. When this pin is an analog input, it is internally connected to LCDVP1 (see the
LCD Driver section).
17
LCDVB
This pin can be either an analog input when the LCD resistor driver is enabled or an analog output when
the LCD charge pump is enabled. When this pin is an analog output, it should be decoupled with a 470 nF
capacitor. When this pin is an analog input, a resistor should be connected between this pin and LCDVC to
generate an intermediate voltage for the LCD driver. In 1/3 bias LCD mode, another resistor must be
connected between this pin and LCDVA to generate another intermediate voltage. In 1/2 bias LCD mode,
LCDVB and LCDVA are internally connected (see the LCD Driver section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com