Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7166_15 Datasheet HTML 23Page - Analog Devices ADE7166_15 Datasheet HTML 24Page - Analog Devices ADE7166_15 Datasheet HTML 25Page - Analog Devices ADE7166_15 Datasheet HTML 26Page - Analog Devices ADE7166_15 Datasheet HTML 27Page - Analog Devices ADE7166_15 Datasheet HTML 28Page - Analog Devices ADE7166_15 Datasheet HTML 29Page - Analog Devices ADE7166_15 Datasheet HTML 30Page - Analog Devices ADE7166_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 27 of 152
SPECIAL FUNCTION REGISTER (SFR) MAPPING
Table 15.
Mnemonic
Address
Description
INTPR
0xFF
Interrupt pins configuration
(see Table 17).
SCRATCH4
0xFE
Scratch Pad 4 (see Table 25).
SCRATCH3
0xFD
Scratch Pad 3 (see Table 24).
SCRATCH2
0xFC
Scratch Pad 2 (see Table 23).
SCRATCH1
0xFB
Scratch Pad 1 (see Table 22).
BATVTH
0xFA
Battery detection threshold
(see Table 52).
STRBPER
0xF9
Peripheral ADC strobe period
(see Table 49).
IPSMF
0xF8
Power management interrupt flag
(see Table 18).
TEMPCAL
0xF7
RTC temperature compensation
(see Table 135).
RTCCOMP
0xF6
RTC nominal compensation
(see Table 134).
BATPR
0xF5
Battery switchover configuration (see
Table 19).
PERIPH
0xF4
Peripheral configuration
(see Table 20).
DIFFPROG
0xF3
Temperature and supply delta
(see Table 50).
B
0xF0
Auxiliary math (see Table 56).
VDCINADC
0xEF
VDCIN ADC value (see Table 53).
LCDSEGE2
0xED
LCD Segment Enable 2 (see Table 98).
IPSME
0xEC
Power management interrupt enable
(see Table 21).
SPISTAT
0xEA
SPI interrupt status (see Table 150).
SPI2CSTAT
0xEA
I2C interrupt status (see Table 154).
SPIMOD2
0xE9
SPI Configuration SFR 2 (see Table 149).
I2CADR
0xE9
I2C slave address (see Table 153).
SPIMOD1
0xE8
SPI Configuration SFR 1 (see Table 148).
I2CMOD
0xE8
I2C mode (see Table 152).
WAV2H
0xE7
Selection 2 sample MSB (see Table 31).
WAV2M
0xE6
Selection 2 sample middle byte
(see Table 31).
WAV2L
0xE5
Selection 2 sample LSB (see Table 31).
WAV1H
0xE4
Selection 1 sample MSB (see Table 31).
WAV1M
0xE3
Selection 1 sample middle byte (see
Table 31).
WAV1L
0xE2
Selection 1 sample LSB (see Table 31).
ACC
0xE0
Accumulator (see Table 56).
BATADC
0xDF
Battery ADC value (see Table 54).
MIRQSTH
0xDE
Interrupt Status 3 (see Table 42).
MIRQSTM
0xDD
Interrupt Status 2 (see Table 41).
MIRQSTL
0xDC
Interrupt Status 1 (see Table 40).
MIRQENH
0xDB
Interrupt Enable 3 (see Table 45).
MIRQENM
0xDA
Interrupt Enable 2 (see Table 44).
MIRQENL
0xD9
Interrupt Enable 1 (see Table 43).
ADCGO
0xD8
Start ADC measurement (see Table 51).
Mnemonic
Address
Description
TEMPADC
0xD7
Temperature ADC value (see Table 55).
IRMSH
0xD6
Irms measurement MSB (see Table 31).
IRMSM
0xD5
Irms measurement middle byte
(see Table 31).
IRMSL
0xD4
Irms measurement LSB (see Table 31).
VRMSH
0xD3
Vrms measurement MSB (see Table 31).
VRMSM
0xD2
Vrms measurement middle byte
(see Table 31).
VRMSL
0xD1
Vrms measurement LSB (see Table 31).
PSW
0xD0
Program status word (see Table 57).
TH2
0xCD
Timer 2 high byte (see Table 120).
TL2
0xCC
Timer 2 low byte (see Table 121).
RCAP2H
0xCB
Timer 2 reload/capture high byte
(see Table 122).
RCAP2L
0xCA
Timer 2 reload/capture low byte
(see Table 123).
T2CON
0xC8
Timer/Counter 2 control (see Table 115).
EADRH
0xC7
Flash high byte address (see Table 110).
EADRL
0xC6
Flash low byte address (see Table 109).
POWCON
0xC5
Power control (see Table 26).
KYREG
0xC1
Key (see Table 126).
WDCON
0xC0
Watchdog timer (see Table 85).
PROTR
0xBF
Flash read protection (see Table 108).
PROTB1
0xBE
Flash Write/Erase Protection 1
(see Table 107).
PROTB0
0xBD
Flash Write/Erase Protection 0
(see Table 106).
EDATA
0xBC
Flash data (see Table 105).
PROTKY
0xBB
Flash protection key (see Table 104).
FLSHKY
0xBA
Flash key (see Table 103).
ECON
0xB9
Flash control (see Table 102).
IP
0xB8
Interrupt priority (see Table 79).
PINMAP2
0xB4
Port 2 weak pull-up enable
(see Table 159).
PINMAP1
0xB3
Port 1 weak pull-up enable
(see Table 158).
PINMAP0
0xB2
Port 0 weak pull-up enable
(see Table 157).
LCDCONY
0xB1
LCD Configuration Y (see Table 91).
CFG
0xAF
Configuration (see Table 63).
LCDDAT
0xAE
LCD data (see Table 97).
LCDPTR
0xAC
LCD pointer (see Table 96).
IEIP2
0xA9
Interrupt Enable and Priority 2
(see Table 80).
IE
0xA8
Interrupt enable (see Table 78).
DPCON
0xA7
Data pointer control (see Table 76).
INTVAL
0xA6
RTC alarm interval (see Table 133).
HOUR
0xA5
RTC hours counter (see Table 132).
MIN
0xA4
RTC minutes counter (see Table 131).
SEC
0xA3
RTC seconds counter (see Table 130).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com