Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 95 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADE7566_15 Datasheet HTML 91Page - Analog Devices ADE7566_15 Datasheet HTML 92Page - Analog Devices ADE7566_15 Datasheet HTML 93Page - Analog Devices ADE7566_15 Datasheet HTML 94Page - Analog Devices ADE7566_15 Datasheet HTML 95Page - Analog Devices ADE7566_15 Datasheet HTML 96Page - Analog Devices ADE7566_15 Datasheet HTML 97Page - Analog Devices ADE7566_15 Datasheet HTML 98Page - Analog Devices ADE7566_15 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 95 of
152
INTERRUPT FLAGS
The interrupt flags and status flags associated with the interrupt vectors are shown in Table 82 and Table 83. Most of the interrupts have
flags associated with them.
Table 82. Interrupt Flags
Interrupt Source
Flag
Bit Name
Description
IE0
TCON.1
IE0
External interrupt 0.
TF0
TCON.5
TF0
Timer 0.
IE1
TCON.3
IE1
External interrupt 1.
TF1
TCON.7
TF1
Timer 1.
RI + TI
SCON.1
TI
Transmit interrupt.
SCON.0
RI
Receive interrupt.
TF2 + EXF2
T2CON.7
TF2
Timer 2 overflow flag.
T2CON.6
EXF2
Timer 2 external flag.
ITEMP (Temperature ADC)1
N/A
N/A
Temperature ADC interrupt. Does not have an interrupt flag associated with it.
IPSM (Power Supply)
IPSMF.6
FPSM
PSM interrupt flag.
IADE (Energy Measurement DSP)
MIRQSTL.7
ADEIRQFLAG
Read MIRQSTH, MIRQSTM, MIRQSTL.
1 This feature is not available in the ADE7116.
Table 83. Status Flags
Interrupt Source
Flag
Bit Address
Description
ITEMP (Temperature ADC)1
N/A
N/A
Temperature ADC interrupt. Does not have a status flag associated with it.
ISPI/I2CI
SPI2CSTAT
N/A
SPI interrupt status register.
SPI2CSTAT
N/A
I2C interrupt status register.
IRTC (RTC Interval Timer)
TIMECON.7
MIDNIGHT
RTC midnight flag.
TIMECON.2
ALARM
RTC alarm flag.
WDT (Watchdog Timer)
WDCON.2
WDS
Watchdog timeout flag.
1 This feature is not available in the ADE7116.
A functional block diagram of the interrupt system is shown in
Figure 89. Note that the PSM interrupt is the only interrupt in
the highest priority level.
If an external wake-up event occurs to wake the ADE7116/
ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 from PSM2
mode, a pending external interrupt is generated. When the EX0
bit (Bit 0) or the EX1 bit (Bit 2) in the interrupt enable SFR (IE,
Address 0xA8) is set to enable external interrupts, the program
counter is loaded with the IE0 or IE1 interrupt vector. The IE0
and IE1 interrupt flags (Bit 1 and Bit 3, respectively) in the
Timer/Counter 0 and Timer/Counter 1 control SFR (TCON,
Address 0x88) are not affected by events that occur when the
8052 MCU core is shut down during PSM2. See the Power
Supply Management (PSM) Interrupt section.
The RTC, temperature ADC, and I2C/SPI interrupts are latched
such that pending interrupts cannot be cleared without entering
their respective interrupt service routines. Clearing the RTC
midnight flags and alarm flags does not clear a pending RTC
interrupt. Similarly, clearing the I2C/SPI status bits in the SPI
Interrupt Status SFR (SPISTAT, Address 0xEA) does not cancel
a pending I2C/SPI interrupt. These interrupts remain pending
until the RTC or I2C/SPI interrupt vectors are enabled. Their
respective interrupt service routines are entered shortly
thereafter.
Figure 89 shows how the interrupts are cleared when the
interrupt service routines are entered. Some interrupts with
multiple interrupt sources are not automatically cleared;
specifically, the PSM, ADE, UART, and Timer 2 interrupt
vectors. Note that the INT0 and INT1 interrupts are only
cleared only if the external interrupt is configured to be
triggered by a falling edge by setting IT0 (Bit 0) in the
Timer/Counter 0 and Timer/Counter 1 control SFR (TCON,
Address 0x88). If INT0 or INT1 is configured to interrupt on a
low level, the interrupt service routine is reentered until the
respective pin goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com