Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7755ARSZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7755ARSZ1
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7755ARSZ1 Datasheet(HTML) 3 Page - Analog Devices

  ADE7755ARSZ1 Datasheet HTML 1Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 2Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 3Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 4Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 5Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 6Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 7Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 8Page - Analog Devices ADE7755ARSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADE7755
Rev. A | Page 3 of 20
SPECIFICATIONS
AVDD = DVDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 3.58 MHz, TMIN to TMAX = −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY1, 2
Measurement Error1 on Channel 1
Channel 2 with full-scale signal (±660 mV), 25°C
Gain = 1
0.1
% reading
Over a dynamic range of 500 to 1
Gain = 2
0.1
% reading
Over a dynamic range of 500 to 1
Gain = 8
0.1
% reading
Over a dynamic range of 500 to 1
Gain = 16
0.1
% reading
Over a dynamic range of 500 to 1
Phase Error1 Between Channels
Line frequency = 45 Hz to 65 Hz
V1 Phase Lead 37° (PF = 0.8 Capacitive)
±0.1
Degrees
AC/DC = 0 and AC/DC = 1
V1 Phase Lag 60° (PF = 0.5 Inductive)
±0.1
Degrees
AC/DC = 0 and AC/DC = 1
AC Power Supply Rejection1
AC/DC = 1, S0 = S1 = 1, G0 = G1 = 0
Output Frequency Variation (CF)
0.2
% reading
V1 = 100 mV rms, V2 = 100 mV rms @ 50 Hz,
ripple on AVDD of 200 mV rms @ 100 Hz
DC Power Supply Rejection1
AC/DC = 1, S0 = S1 = 1, G0 = G1 = 0
Output Frequency Variation (CF)
±0.3
% reading
V1 = 100 mV rms, V2 = 100 mV rms,
AVDD = DVDD = 5 V ± 250 mV
ANALOG INPUTS
See the Analog Inputs section
Maximum Signal Levels
±1
V
V1P, V1N, V2N, and V2P to AGND
Input Impedance (DC)
390
CLKIN = 3.58 MHz
−3 dB Bandwidth
14
kHz
CLKIN/256, CLKIN = 3.58 MHz
ADC Offset Error1, 2
±25
mV
Gain = 11, 2
Gain Error1
±7
% ideal
External 2.5 V reference, gain = 1
V1 = 470 mV dc, V2 = 660 mV dc
Gain Error Match1
±0.2
% ideal
External 2.5 V reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.7
V
2.5 V + 8%
2.3
V
2.5 V − 8%
Input Impedance
3.2
Input Capacitance
10
pF
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±200
mV
Temperature Coefficient
±30
ppm/°C
CLKIN
Note all specifications for CLKIN of 3.58 MHz
Input Clock Frequency
4
MHz
1
MHz
LOGIC INPUTS3
SCF, S0, S1, AC/DC, RESET, G0, and G1
Input High Voltage, VINH
2.4
V
DVDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V
DVDD = 5 V ± 5%
Input Current, IIN
±3
μA
Typically 10 nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS3
F1 and F2
Output High Voltage, VOH
4.5
V
ISOURCE = 10 mA, DVDD = 5 V
Output Low Voltage, VOL
0.5
V
ISINK = 10 mA, DVDD = 5 V
CF and REVP
Output High Voltage, VOH
4
V
ISOURCE = 5 mA, DVDD = 5 V
Output Low Voltage, VOL
0.5
V
ISINK = 5 mA, DVDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com