Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752B Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7752B
Description  3-Phase, 3-Wire, and 4-Wire Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752B Datasheet(HTML) 1 Page - Analog Devices

  ADE7752B_15 Datasheet HTML 1Page - Analog Devices ADE7752B_15 Datasheet HTML 2Page - Analog Devices ADE7752B_15 Datasheet HTML 3Page - Analog Devices ADE7752B_15 Datasheet HTML 4Page - Analog Devices ADE7752B_15 Datasheet HTML 5Page - Analog Devices ADE7752B_15 Datasheet HTML 6Page - Analog Devices ADE7752B_15 Datasheet HTML 7Page - Analog Devices ADE7752B_15 Datasheet HTML 8Page - Analog Devices ADE7752B_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
3-Phase, 3-Wire, and 4-Wire
Energy Metering IC with Pulse Output
ADE7752B
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy supports 50 Hz/60 Hz IEC 62053-21
Less than 0.1% error over a dynamic range of 500 to 1
Compatible with 3-phase, 3-wire delta and 3-phase, 4-wire
Wye configurations
Supplies average active power on the frequency outputs F1
and F2
High frequency output (CF) is intended for calibration and
supplies instantaneous active power
Logic output REVP indicates a potential miswiring or
negative power on the sum of all phases
Direct drive for electromechanical counters and 2-phase
stepper motors (F1 and F2)
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
On-chip power supply monitoring
On-chip creep protection (no load threshold)
On-chip reference 2.4 V ± 8% (25 ppm/°C typical) with
external overdrive capability
Single 5 V supply, low power (42.5 mW typical)
Low cost CMOS process
GENERAL DESCRIPTION
The ADE7752B is a high accuracy polyphase electrical energy
measurement IC. The ADE7752B specifications surpass the
accuracy requirements as quoted in the IEC62053-21 standard.
The only analog circuitry used in the ADE7752B is in the
analog-to-digital converters (ADCs) and reference circuit. All
other signal processing (for example, multiplication, filtering,
and summation) is carried out in the digital domain. This
approach provides superior stability and accuracy over
extremes in environmental conditions and over time.
The ADE7752B supplies average active power information on
the low frequency outputs, F1 and F2. These logic outputs can
be used to directly drive an electromechanical counter or to
interface with a microcontroller (MCU). The CF logic output
gives instantaneous active power information. This output is
intended to be used for calibration purposes.
The ADE7752B includes a power supply monitoring circuit on
the VDD pin. The ADE7752B remains inactive until the supply
voltage on VDD reaches 4 V. If the supply falls below 4 V, the
ADE7752B resets and no pulses are issued on F1, F2, and CF.
Internal phase matching circuitry ensures that the voltage and
current channels are phase matched. An internal no load
threshold ensures that the ADE7752B does not exhibit any
creep when there is no load.
The ADE7752B is available in a 24-lead SOIC package.
FUNCTIONAL BLOCK DIAGRAM
17
3
2
19
20
1
24
23
21
22
18
12
11
LPF
HPF
Ф
CLKOUT
CLKIN
DGND
CF
S0
F1
F2
S1
SCF
DIGITAL-TO-FREQUENCY CONVERTER
2.4V REF
REFIN/OUT
AGND
4kΩ
IBP
IBN
VBP
VN
ICP
ICN
VCP
IAP
IAN
VAP
ADC
ADC
ADC
ADC
VDD
ADE7752B
POWER
SUPPLY
MONITOR
ADC
ADC
HPF
Ф
HPF
Ф
LPF
LPF
X
ABS
13
10
9
15
8
7
16
6
5
14
X
X
4
REVP
Figure 1.


Similar Part No. - ADE7752B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752BARW AD-ADE7752BARW Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7752BARW-RL AD-ADE7752BARW-RL Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7752BARWZ AD-ADE7752BARWZ Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7752BARWZ-RL AD-ADE7752BARWZ-RL Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
More results

Similar Description - ADE7752B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
Energy Metering IC with Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com