Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MCSSP-80020-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCSSP-80020-R
Description  Cat5e SFTP Patch cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCSSP-80020-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCSSP-80020-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-MCSSP-80xxx-R
rev01
Wilson
19.02.13
Cat5e SFTP Patch cable
26AWG, Grey
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±X
±X
±X
±X°
±X°
Wilson
19.02.13
Update
Groll
19.02.13
Material
• Cable: SFTP [26AWG(Bare copper)*1PR]*4+Al-foil+braid, PVC
- OD:5.3±0.3mm
• RJ45 Connector: 8P8C, Two Fork 3 ” Gold plated contacts, metal housing
• Molding PVC: 50P
• Cable/Molding color: Grey
Electrical
• Open/short/intermittence: 100%
Order lengths in meter: 0.5,1,
2,3,5,7,10,15,20,30
Order Code: A-MCSSP-80xxx-R


Similar Part No. - A-MCSSP-80020-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP-80020-B-R ASSMANN-A-MCSSP-80020-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
More results

Similar Description - A-MCSSP-80020-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP-80005-B-R ASSMANN-A-MCSSP-80005-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80005-R ASSMANN-A-MCSSP-80005-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80010-R ASSMANN-A-MCSSP-80010-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80020-B-R ASSMANN-A-MCSSP-80020-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80030-B-R ASSMANN-A-MCSSP-80030-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80050 ASSMANN-A-MCSSP-80050 Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80050-B-R ASSMANN-A-MCSSP-80050-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80070-R ASSMANN-A-MCSSP-80070-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80150-R ASSMANN-A-MCSSP-80150-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80200-R ASSMANN-A-MCSSP-80200-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com