Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002K-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2N7002K-3
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N7002K-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2N7002K-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2N7002K-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2N7002K-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS ,
1.2
1.4
3V
4V
6V
8V
10V
V
= 10V
8V
6V
5V
4V
3V
GS
5V
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2 Typical Transfer Characteristics
GS
0.01
0.10
1.00
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 125 C
A
°
T = 25 C
A
°
T = -25 C
A
°
T
= 75 C
A
°
V
= 10V
Pulsed
DS
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Channel Tem perature
ch
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
V
= 10V
I = 1mA
Pulsed
DS
D
0.1
I DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance
Vs. Drain Current
D,
1
10
0.001
0.01
0.1
1
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = -25 C
A
°
V
= 10V
Pulsed
GS
SMD Type
MOSFET
2
www.kexin.com.cn
2N7002K
1
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance
vs. Drain Current
D
10
0.1
1
0.001
0.01
0.1
V
= 5V
Pulsed
GS
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
T = -25 C
A
°
T = 0 C
A
°
0
V
GATE SOURCE VOLTAGE (V)
Fig. 6 Static Drain-Source On-Resistance
vs. Gate-Source Voltage
GS,
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
16
18
20
I = 300mA
D
I = 150mA
D
T = 25 C
Pulsed
A
°
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com