Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082AS1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP0082AS1
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS1 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP0082AS1 Datasheet HTML 1Page - Intersil Corporation HIP0082AS1 Datasheet HTML 2Page - Intersil Corporation HIP0082AS1 Datasheet HTML 3Page - Intersil Corporation HIP0082AS1 Datasheet HTML 4Page - Intersil Corporation HIP0082AS1 Datasheet HTML 5Page - Intersil Corporation HIP0082AS1 Datasheet HTML 6Page - Intersil Corporation HIP0082AS1 Datasheet HTML 7Page - Intersil Corporation HIP0082AS1 Datasheet HTML 8Page - Intersil Corporation HIP0082AS1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage (Logic and Control), VCC . . . . . . . . . . . . -0.3V to 7V
Power MOSFET Drain Voltage, VO (Note 3) . . . . . . -0.7 to VCLAMP
Output Clamp Energy, EOK (See Note 5). . . . . . . . . . . . . . . . . 70mJ
Input Voltage (Logic and Driver Inputs), VIN. . . .-0.5V to VCC +0.5V
Maximum Output Current, Outputs 1 and 2 . . . . . . . . . . . . . . . . +2A
Maximum Output Current, Outputs 3 and 4 . . . . . . . . . . . . . . . . +5A
Maximum Total Output Current, All Outputs ON. . . . . . . . . . . . . +8A
Maximum Peak Output Current, IO(MAX), (Note 4) . . . . . -5A to ISC
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Notes 5, 6, 7)
θJA (oC/W) θJC (oC/W)
Power SIP Package . . . . . . . . . . . . . . .
45
3
PSOP Package . . . . . . . . . . . . . . . . . .
40
2
Maximum Junction Temperature . . . . . . . . . . . . . . . -40oC to 150oC
Maximum Storage Temperature Range, TSTG . . . . -55
oC to 150oC
Maximum Lead Temperature (During Soldering 10s) . . . . . . 300oC
(PSOP - Lead Tips Only)
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . . . . . . .VSS (Tab Ground)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. The MOSFET Output Drain is internally clamped with a Drain-to-Gate zener diode that turns on the MOSFET to hold the Drain at the
VCLAMP voltage. Refer to the Electrical Specifications Table for the VCLAMP voltage limits.
4. Each Output has Over Current Shutdown protection in the positive current direction. The maximum peak current rating is set equal to the
minimum Over Current Shutdown as detailed in the Electrical Specification Table. In the event of an Over Current Shutdown the input
drive is latched OFF. The output short must be removed and the input toggled OFF and ON to restore the output drive.
5. Refer to Application Note AN9416 for Single Pulse Energy and Device Dissipation rating information, including inductive load operation
and other thermal stress characterization.
6.
θJA is measured with the component mounted on an evaluation PC board in free air.
7. Maximum PSOP Package Dissipation at 125oC with 26oC/W Heat Sink (6 sq cm Copper PCB) is 0.96W.
Electrical Specifications
VCC = 5V ±10%, TA = -40
oC to 125oC; Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0082
HIP0084
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
POWER OUTPUTS
Output ON Resistance
(Normal Mode)
rDS(ON)1,
rDS(ON)2
Outputs 1 and 2, One Output ON,
IOUT = 2A, TJ = 150
oC
-
-
0.62
-
-
0.62
Ω
rDS(ON)3,
rDS(ON)4
Outputs 3 and 4, One Output ON,
IOUT = 2A, TJ = 150
oC
-
-
0.57
-
-
0.57
Ω
Output ON Resistance
(Normal Mode)
rDS(ON)1,
rDS(ON)2
Outputs 1 and 2, One Output ON,
IOUT = 2A, TJ = 75
oC
N/A
-
-
0.5
Ω
Output ON Resistance
(Normal Mode)
rDS(ON)3,
rDS(ON)4
Outputs 3 and 4, One Output ON,
IOUT = 2A, TJ = 105
oC
-
-
0.5
Ω
Output Zener Clamp Voltage
VZ
IOUT = 40mA
73
80
90
73
80
90
V
Matching Zener Clamp
Voltage
∆VZ
IOUT = 40mA, tZ = 100µs
N/A
-
-
±1.5
V
Output Short Current Limit,
Outputs 1 and 2 (Note 8)
ISC(L)
2
-
3.4
3
-
5.1
A
Output Short Current Limit,
Outputs 3 and 4 (Note 8)
ISC(L)
ISC Bit High
2
-
3.4
2
-
3.4
A
Output Short Current Limit,
Outputs 3 and 4 (Note 8)
ISC(H)
ISC Bit Low
5
-
7.5
5
-
8.3
A
Short Circuit Current Filter
Time
tSC
--
1
-
-
3
µs
Output Capacitance
CO
VOUTX = 16V, f = 1MHz
-
-
250
-
-
250
pF
HIP0082, HIP0084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com