Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1013 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1013
Description  Low Cost Dual Power Distribution Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1013 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1013 Datasheet HTML 1Page - Intersil Corporation HIP1013 Datasheet HTML 2Page - Intersil Corporation HIP1013 Datasheet HTML 3Page - Intersil Corporation HIP1013 Datasheet HTML 4Page - Intersil Corporation HIP1013 Datasheet HTML 5Page - Intersil Corporation HIP1013 Datasheet HTML 6Page - Intersil Corporation HIP1013 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2-408
Pin Description
PIN NO.
SYMBOL
FUNCTION
DESCRIPTION
1
12VS
12V Source
Connect to source of associated external N-Channel MOSFET switch to sense output
voltage.
2
12VG
12V Gate
Connect to the gate of associated N-Channel MOSFET switch. A capacitor from this
node to ground sets the turn-on ramp. At turn-on this capacitor will be charged to
≈17.4V
bya10
µA current source when in 5V/12V mode of operation, otherwise capacitor will be
charged to
≈11.4V.
3VDD
Chip Supply
Connect to 12V supply. This can be either connected directly to the +12V rail supplying
the load voltage or to a dedicated VDD +12V supply.
4
MODE/
PWRON1
Power ON/ Reset invokes
3.3V operation when
shorted to VDD, Pin 3.
PWRON1 and PWRON2 are used to turn-on and reset the chip. Both outputs turn-on
when either pin is driven low. After an over current limit fault, the chip is reset by the rising
edge of a reset signal applied to either PWRON pin. Each input has 100
µA pull up
capability which is compatible with 3V and 5V open drain and standard logic. PWRON1
is also used to invoke 3.3V control operation in preference to +12V control. By tying pin
4 to pin 3 the charge pump is disabled and the UV threshold also shifts to
≈2.8V.
5
PWRON2
Power ON/Reset
6
5VG
5V Gate
Connect to the gate of the external 5V N-Channel MOSFET. A capacitor from this node
to ground sets the turn-on ramp. At turn-on this capacitor will be charged to
≈11.4V by a
10
µA current source.
7
5VS
5V Source
Connect to the source side of 5V external N-Channel MOSFET switch to sense output
voltage.
8
5VISEN
5V Current Sense
Connect to the load side of the 5V sense resistor to measure the voltage drop across this
resistor between 5VS and 5VISEN pins.
9
PGOOD
Power Good Indicator
PGOOD is driven by an open drain N-Channel MOSFET. It is pulled low when either
output voltage is not within specification or and OC condition exists.
10
No Connection.
11
CPUMP
Charge Pump Capacitor
Connect a 0.1
µF capacitor between this pin and VDD (Pin 3).
12
GND
Chip Ground
13
RILIM
Current Limit Set Resistor
A resistor connected between this pin and ground determines the current level at which
current limit is activated. This current is determined by the ratio of the RILIM resistor to
the sense resistor (RSENSE). The current at current limit onset is equal to
10
µAx(RILIM/RSENSE).
14
12VISEN
12V Current Sense
Connect to the load side of sense resistor to measure the voltage drop across this
resistor.
HIP1013



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com