Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP1012ACB Datasheet HTML 3Page - Intersil Corporation HIP1012ACB Datasheet HTML 4Page - Intersil Corporation HIP1012ACB Datasheet HTML 5Page - Intersil Corporation HIP1012ACB Datasheet HTML 6Page - Intersil Corporation HIP1012ACB Datasheet HTML 7Page - Intersil Corporation HIP1012ACB Datasheet HTML 8Page - Intersil Corporation HIP1012ACB Datasheet HTML 9Page - Intersil Corporation HIP1012ACB Datasheet HTML 10Page - Intersil Corporation HIP1012ACB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Typical Performance Curves
FIGURE 1. SUPPLY CURRENT
FIGURE 2. RILIM SOURCE CURRENT
FIGURE 3. CTIM CURRENT SOURCE
FIGURE 4. CTIM OC VOLTAGE THRESHOLD
FIGURE 5. 12V UV THRESHOLD
FIGURE 6. 5V/3.3V UV THRESHOLD
8.2
8.0
7.8
7.6
7.4
7.2
-40
-20
0
20
40
60
80
TEMPERATURE (oC)
8.4
-30
-10
10
30
50
70
104
103
-40
-20
0
20
40
60
80
102
70
50
30
10
-10
-30
105
TEMPERATURE (oC)
-40
-20
0
20
40
60
-30
-10
10
30
50
70
80
10.7
10.6
10.5
10.4
10.3
TEMPERATURE (oC)
-40
-20
0
20
40
60
-30
-10
10
30
50
70
80
2.04
2.02
2.00
1.98
1.96
1.94
TEMPERATURE (oC)
TEMPERATURE (oC)
20
40
60
80
-40
-20
0
11.00
10.98
10.96
10.94
3.3V UV
20
40
60
80
-40
-20
0
4.615
4.610
4.605
4.600
4.595
2.888
2.886
2.884
2.882
2.880
TEMPERATURE (oC)
5V UV
HIP1012, HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com