Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1030AS Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1030AS
Description  1A High Side Driver with Overload Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1030AS Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1030AS Datasheet HTML 1Page - Intersil Corporation HIP1030AS Datasheet HTML 2Page - Intersil Corporation HIP1030AS Datasheet HTML 3Page - Intersil Corporation HIP1030AS Datasheet HTML 4Page - Intersil Corporation HIP1030AS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage VCC . . . See O.V. Shutdown Limit, VOVSD
Input Voltage, VIN (Note 1) . . . . . . . . . . . . . . . . . -1V to (VCC - 0.5V)
Load Current, IOUT . . . . . . . . . . . . . . . . . . . . . . . . .Internal Limiting
Load Dump (Survival) . . . . . . . . . . . . . . . . . . . . . . . . . .
±60VPEAK
Reverse Battery . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -16V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
Plastic SIP Package . . . . . . . . . . . . . .
50
4
Maximum Power Dissipation (Note 3)
At TA = 125
oC, Infinite Heat Sink. . . . . . . . . . . . . . . . . . . . . 6.25W
Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . 150
oC
Maximum Storage Temperature Range . . . . . . . . . .-40oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The Input Control Voltage, VIN shall not be greater than (VCC - 0.5V) and shall not exceed +7V when VCC is greater than 7.5V.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. The worst case thermal resistance,
θJC for the SIP TS-001AA 5 lead package is 4oC/W. The calculation for dissipation and junction
temperature rise due to dissipation is:
PD = (VCC-VOUT)(IOUT) + (VCC)(ICCMAX - IOUT) or (VCC)(ICCMAX) - (VOUT)(IOUT)
TJ = TAMBIENT + (PD) (θJC) for an infinite Heat Sink.
Refer to Figure 1 for Derating based on Dissipation and Thermal Resistance. Derating from 150oC is based on the reciprocal of thermal
resistance,
θJC + θHS. For example: Where θJC = 4oC/W and given θHS = 6oC/W as the thermal resistance of an external Heat Sink,
the junction-to-air thermal resistance,
θJA = 10oC/W. Therefore, for the maximum allowed dissipation, derate 0.1W/oC for each degree
from TAMB to the maximum rated junction temperature of 150
oC. If T
AMB = 100
oC, the maximum P
D is (150 - 100) x 0.1W/
oC = 5W.
Electrical Specifications
TA = -40
oC to 125oC, V
IN = 2V, VCC = +12V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
4.5
-
25
V
Over-Voltage Shutdown
VOVSD
RL = 1KΩ; VIN = 2V
26
33
38
V
Over-Temperature Limiting
TSD
-
150
-
oC
Negative Pulse
Output Clamp Voltage
VCL
ICL = -100mA; VCC = 4.5V to 25V
(VCC - 35) (VCC - 30.5)
(VCC - 28)
V
Short Circuit Current Limiting
ISC
(Note 4)
1.1
1.6
2.5
A
Input Control ON
VIH
2.0
-
-
V
Input Control OFF
VIL
-
-
0.8
V
Input Current High
IIH
VIN = 5.5V, VCC = 6V to 24V
6
-
40
µA
Input Current Low
IIL
VIN = 0.8V, VCC = 6V to 24V
6
-
30
µA
Supply Current, Full Load
Input Control ON
ICCMAX
VIN = 2V; IOUT = 1.0A;
-
1.05
1.1
A
Supply Current, No Load
Input Control OFF
ICCMIN
VIN = 0V; IOUT = 0A;
-
55
100
µA
Input-Output Forward Voltage
Drop (VCC - VOUT)
VSAT
IOUT = 1A; VCC = 4.5V to 25V
-
0.6
1
V
Output Leakage
IOUT_LK
VIN = 0.8V; VCC = 6V to 24V
-
4
50
µA
Turn ON Time
tON
RL = 80Ω; (Note 5)
-
5
20
µs
Turn OFF Time
tOFF
RL = 80Ω; (Note 5)
-
25
65
µs
NOTES:
4. Short circuit current will be reduced when thermal shutdown occurs. Testing of short circuit current may require a short duration pulse.
See Figure 7.
5. Refer to Figures 3A and 3B for typical switching speeds with a 20
Ω Load.
HIP1030



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com