Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP2060AS1
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2060AS1 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP2060AS1 Datasheet HTML 1Page - Intersil Corporation HIP2060AS1 Datasheet HTML 2Page - Intersil Corporation HIP2060AS1 Datasheet HTML 3Page - Intersil Corporation HIP2060AS1 Datasheet HTML 4Page - Intersil Corporation HIP2060AS1 Datasheet HTML 5Page - Intersil Corporation HIP2060AS1 Datasheet HTML 6Page - Intersil Corporation HIP2060AS1 Datasheet HTML 7Page - Intersil Corporation HIP2060AS1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Turn-On Delay Time (Note 5)
td(ON)
VDD = 30V, RL = 3Ω
ID = 10A, VGS = 10V, RG = 50Ω
See Figure 14
-
4
-
ns
Rise Time (Note 5)
tr
-
5
-
ns
Turn-Off Delay Time (Note 5)
td(OFF)
-12
-
ns
Fall Time (Note 5)
tf
-6
-
ns
Total Gate Charge (Note 5)
Qg(TOT)
VDS = 50V, VGS = 10V, ID = 10A
See Figures 16 and 17
-
10.5
12.0
nC
Gate-Source Charge (Note 5)
Qgs
-
1.4
2.0
nC
Gate-Drain Charge (Note 5)
Qgd
-
4.9
5.5
nC
Short-Circuit Input Capacitance,
Common Source
CISS
VDS = 25V, VGS = 0V, f = 1MHz
-
230
-
pF
Short-Circuit Output Capacitance,
Common Source for Upper FET
COSS(U)
-
150
-
pF
Short Circuit Output Capacitance
Common Source for Lower FET
COSS(L)
-
225
-
pF
Short-Circuit Reverse Transfer
Capacitance, Common Source
CRSS
-40
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
2.7
oC/W
Thermal Resistance Junction to Ambient
RθJA
-
-
60
oC/W
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source-Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SOURCE-TO-DRAIN DIODE SPECIFICATIONS (Across Z1 and Z2)
Forward Voltage (Note 4)
VSD
ISD = 10A, VGS = 0V
-
1.05
1.25
V
Reverse Recovery Time (Across Z1)
trr(S1-D1)
ISD = 10A, dISD/dt = 100A/µs
-
50
-
ns
Reverse Recovery Time (Across Z2)
trr(S2-D2)
ISD = 10A, dISD/dt = 100A/µs
-
75
-
ns
SOURCE2-TO-DRAIN1 DIODE SPECIFICATIONS D (Across D1)
Forward Voltage (Note 4)
VSD
ISD = 10A, VGS = 0V
-
8.5
9.5
V
Reverse Recovery Time
trr
ISD = 10A, dISD/dt = 100A/µs
-
200
-
ns
DEVICE MATCHING
Drain-Source On Resistance Match
rDS(ON)M
VGS = 10V, ID = 10A, TC = 25
oC-
90
-
%
NOTES:
4. Pulse test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
5. Independent of operating temperature.
HIP2060



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com