Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP2060AS2
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2060AS2 Datasheet(HTML) 6 Page - Intersil Corporation

  HIP2060AS2 Datasheet HTML 1Page - Intersil Corporation HIP2060AS2 Datasheet HTML 2Page - Intersil Corporation HIP2060AS2 Datasheet HTML 3Page - Intersil Corporation HIP2060AS2 Datasheet HTML 4Page - Intersil Corporation HIP2060AS2 Datasheet HTML 5Page - Intersil Corporation HIP2060AS2 Datasheet HTML 6Page - Intersil Corporation HIP2060AS2 Datasheet HTML 7Page - Intersil Corporation HIP2060AS2 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Test Circuits and Waveforms
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
FIGURE 14. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 15. RESISTIVE SWITCHING WAVEFORMS
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. BASIC GATE CHARGE WAVEFORM
tP
VGS
0.01
Ω
L
ID
+
-
VDS
VDD
RG
DUT
0V
tP
VGS
ID
VDS
tAV
0
10V
0
BVDSS
IAS
0
VDD
RL
VDS
DUT
RGS
0V
VGS
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
15V
BATTERY
SAME TYPE
AS DUT
+VDS
CURRENT
REGULATOR
IGS
0.1
µF
0.2
µF
25k
Ω
0
DUT
+
-
10V
QG
QGD
QGS
CHARGE
VG
HIP2060



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com