Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD150EB2 Datasheet(PDF) 1 Page - NEC

Part # RD150EB2
Description  500 mW DHD ZENER DIODE DO-35
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD150EB2 Datasheet(HTML) 1 Page - NEC

  RD150EB2 Datasheet HTML 1Page - NEC RD150EB2 Datasheet HTML 2Page - NEC RD150EB2 Datasheet HTML 3Page - NEC RD150EB2 Datasheet HTML 4Page - NEC RD150EB2 Datasheet HTML 5Page - NEC RD150EB2 Datasheet HTML 6Page - NEC RD150EB2 Datasheet HTML 7Page - NEC RD150EB2 Datasheet HTML 8Page - NEC RD150EB2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ZENER DIODES
DESCRIPTION
NEC Type RD2.0E to RD200E Series are planar type zener diode in the
popular DO-35 package with DHD (Double Heatsink Diode) construction
having allowable power dissipation of 500 mW. To meet various application
at customers, Vz (zener voltage) is classified into the tight tolerance under
the specific suffix (B, B1 to B7).
FEATURES
•
DHD (Double Heatsink Diode) Construction
•Vz: Applied E24 standard (RD130E to RD200E: 10 volts step)
•
DO-35 Glass sealed package
ORDER INFORMATION
RD2.0 E to RD39E with suffix “B1”, “B2”, “B3”, “B4”, “B5”, “B6” or “B7”
should be applied for orders for suffix “B”.
RD2.0E to RD200E
Document No. D10213EJ5V0DS00 (5th edition)
Date Published December 1998 N CP(K)
Printed in Japan
500 mW DHD ZENER DIODE
(DO-35)
APPLICATIONS
Circuits for Constant Voltage, Constant Current, Waveform Clipper, Surge absorber, etc.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Forward Current
IF
200 mA
Power Dissipation
P
500 mW
Surge Reverse Power
PRSM
100 W (t = 10
µs)
to see Fig. 17
Junction Temperature
Tj
175 ˚C
Storage Temperature
Tstg
–65 to +175 ˚C
0.5
φ
2.0 MAX.
φ
Cathode
indication
(in millimeters)
PACKAGE DIMENSIONS
©
1981
DATA SHEET


Similar Part No. - RD150EB2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RD150EB SEMTECH_ELEC-RD150EB Datasheet
477Kb / 8P
ZENER DIODES
logo
Semtech Corporation
RD150EB SEMTECH-RD150EB Datasheet
605Kb / 8P
ZENER DIODES
More results

Similar Description - RD150EB2

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
logo
Motorola, Inc
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
500 mW , DO-35 Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com