Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6003 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6003
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6003 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6003 Datasheet HTML 4Page - Intersil Corporation HIP6003 Datasheet HTML 5Page - Intersil Corporation HIP6003 Datasheet HTML 6Page - Intersil Corporation HIP6003 Datasheet HTML 7Page - Intersil Corporation HIP6003 Datasheet HTML 8Page - Intersil Corporation HIP6003 Datasheet HTML 9Page - Intersil Corporation HIP6003 Datasheet HTML 10Page - Intersil Corporation HIP6003 Datasheet HTML 11Page - Intersil Corporation HIP6003 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
source voltage rating determine whether logic-level
MOSFETs are appropriate.
Figure 10 shows the upper gate drive (BOOT pin) supplied
by a bootstrap circuit from VCC. The boot capacitor, CBOOT,
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the Schottky diode, D2,
conducts. Logic-level MOSFETs can only be used if the
MOSFETs absolute gate-to-source voltage rating exceeds
the maximum voltage applied to VCC.
Figure 11 shows the upper gate drive supplied by a direct
connection to VCC. This option should only be used in
converter systems where the main input voltage is + 5VDC or
less. The peak upper gate-to-source voltage is approximately
VCC less the input supply. For +5V main power and + 12VDC
for the bias, the gate-to-source voltage of Q1 is 7V. A logic-
level MOSFET is a good choice for Q1 under these
conditions.
Schottky Selection
Rectifier D2 conducts when the upper MOSFET Q1 is off.
The diode should be a Schottky type for low power losses.
The power dissipation in the Schottky rectifier is
approximated by:
In addition to power dissipation, package selection and
heatsink requirements are the main design trade-offs in
choosing the Schottky rectifier. Since the three factors are
interrelated, the selection process is an iterative procedure.
The maximum junction temperature of the rectifier must
remain below the manufacturer’s specified value, typically
125oC. By using the package thermal resistance
specification and the Schottky power dissipation equation
(shown above), the junction temperature of the rectifier can
be estimated. Be sure to use the available airflow and
ambient temperature to determine the junction temperature
rise. HIP6003 DC-DC Converter Application Circuit.
+12V
HIP6003
GND
UGATE
PHASE
BOOT
VCC
+5V OR +12V
NOTE:
CBOOT
DBOOT
Q1
D2
+
-
FIGURE 10. UPPER GATE DRIVE - BOOTSTRAP OPTION
VG-S ≈ VCC -VD
VD
+
-
+12V
HIP6003
GND
UGATE
PHASE
BOOT
VCC
+5V OR LESS
NOTE:
Q1
D2
+
-
IGURE 11. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
VG-S ≈ VCC -5V
P
COND =IO xVf x 1 - D
()
Where: D is the duty cycle = V
O/VIN, and
V
f is the Schottky forward voltage drop
HIP6003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com