Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004ACB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6004ACB
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ACB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6004ACB Datasheet HTML 3Page - Intersil Corporation HIP6004ACB Datasheet HTML 4Page - Intersil Corporation HIP6004ACB Datasheet HTML 5Page - Intersil Corporation HIP6004ACB Datasheet HTML 6Page - Intersil Corporation HIP6004ACB Datasheet HTML 7Page - Intersil Corporation HIP6004ACB Datasheet HTML 8Page - Intersil Corporation HIP6004ACB Datasheet HTML 9Page - Intersil Corporation HIP6004ACB Datasheet HTML 10Page - Intersil Corporation HIP6004ACB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-68
For an equation for the ripple current see the section under component guidelines titled ‘Output Inductor Selection’
.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6004A converter is
programmed to discrete levels between 1.8VDC and
3.5VDC. The voltage identification (VID) pins program an
internal voltage reference (DACOUT) with a TTL-
compatible 5-bit digital-to-analog converter (DAC). The
level of DACOUT also sets the PGOOD and OVP
thresholds. Table 1 specifies the DACOUT voltage for the
32 different combinations of connections on the VID pins.
The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
during operation could toggle the PGOOD signal and
exercise the overvoltage protection.
All VID pin combinations resulting in a 0V output setting
activate the Power-On Reset function, disable the gate drive
circuitry and output a 0 logic at PGOOD pin.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. These interconnecting impedances should be
minimized by using wide, short printed circuit traces. The
critical components should be located as close together as
possible, using ground plane construction or single point
grounding.
Figure 5 shows the critical power components of the
converter. To minimize the voltage overshoot the
interconnecting wires indicated by heavy lines should be
part of ground or power plane in a printed circuit board. The
components shown in Figure 5 should be located as close
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
01111
0
11111
0
01110
0
11110
2.1
01101
0
11101
2.2
01100
0
11100
2.3
01011
0
11011
2.4
01010
0
11010
2.5
01001
0
11001
2.6
01000
0
11000
2.7
00111
0
10111
2.8
00110
0
10110
2.9
0
0
1
0
1
1.80
1
0
1
0
1
3.0
0
0
1
0
0
1.85
1
0
1
0
0
3.1
0
0
0
1
1
1.90
1
0
0
1
1
3.2
0
0
0
1
0
1.95
1
0
0
1
0
3.3
0
0
0
0
1
2.00
1
0
0
0
1
3.4
0
0
0
0
0
2.05
1
0
0
0
0
3.5
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors.
PGND
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
D2
VIN
VOUT
RETURN
HIP6004A
CIN
FIGURE 5. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
HIP6004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com