Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6017BCB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6017BCB
Description  Advanced PWM and Dual Linear Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6017BCB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6017BCB Datasheet HTML 1Page - Intersil Corporation HIP6017BCB Datasheet HTML 2Page - Intersil Corporation HIP6017BCB Datasheet HTML 3Page - Intersil Corporation HIP6017BCB Datasheet HTML 4Page - Intersil Corporation HIP6017BCB Datasheet HTML 5Page - Intersil Corporation HIP6017BCB Datasheet HTML 6Page - Intersil Corporation HIP6017BCB Datasheet HTML 7Page - Intersil Corporation HIP6017BCB Datasheet HTML 8Page - Intersil Corporation HIP6017BCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
0.23A
115%
110%
90%
INHIBIT
PWM
COMP
ERROR
AMP
VCC
PGOOD
PWM
GND
VSEN1
OCSET1
VID0
VID1
VID2
VID3
FB1
COMP1
DACOUT
UGATE1
PHASE1
200
µA
11
µA
4V
+
-
+
-
+
-
+
-
VID4
LGATE1
PGND
VOUT2
DRIVE3
FB3
INHIBIT
RT
0.3V
+
-
+
-
+
-
+
-
1.26V
POWER-ON
RESET (POR)
OSCILLATOR
+
-
GATE
CONTROL
VCC
VCC
VCC
SS
LOWER
DRIVE
UPPER
+
-
+
-
UNDER-
VOLTAGE
FB2
LINEAR
OV
LUV
OC1
OC2
+
-
TTL D/A
CONVERTER
(DAC)
VIN2
FAULT
SOFT-
START
AND FAULT
LOGIC
DRIVE
V33
+
-
+
2.5V
-
4.3V
+
-
+
VIN2
FIGURE 1.
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com