Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP7010P Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP7010P
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010P Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP7010P Datasheet HTML 9Page - Intersil Corporation HIP7010P Datasheet HTML 10Page - Intersil Corporation HIP7010P Datasheet HTML 11Page - Intersil Corporation HIP7010P Datasheet HTML 12Page - Intersil Corporation HIP7010P Datasheet HTML 13Page - Intersil Corporation HIP7010P Datasheet HTML 14Page - Intersil Corporation HIP7010P Datasheet HTML 15Page - Intersil Corporation HIP7010P Datasheet HTML 16Page - Intersil Corporation HIP7010P Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
lost the Host no longer needs to continue transmit-
ting bytes. As in the case of Type 2 IFRs, the Host
cannot know arbitration has been lost until after the
next byte to transmit has been loaded. Again, there
is no danger of sending extra bytes because the
HIP7010 automatically suspends transmissions
once arbitration is lost.
B6, MACK The Multi-byte Acknowledge (MACK) bit, in con-
junction with the ACK bit, signals the HIP7010 that,
following the EOD, a Type 3 IFR with CRC
response is to be sent. Once set, the MACK bit
cannot be cleared by the Host. MACK is cleared
upon detection of an Idle following the transmis-
sion of the IFR. Setting MACK without also setting
ACK will result in no IFR being transmitted.
The MACK bit can be set anytime prior to 135
µs
after the final byte (the CRC) of a message. The
first IFR byte must be loaded into the Host’s serial
output register, and the RDY line set after the
HIP7010 transfers the next-to-last byte to the Host,
and before the HIP7010 transfers the last byte
(CRC) of the J1850 message to the Host. When
the CRC byte is sent to the Host from the
HIP7010, the first IFR byte will be simultaneously
loaded into the HIP7010. To send a Type 3 IFR the
Host uses the short format of the RDY for all bytes
except the last, when the long format is used.
Setting the MACK bit in the Control Register is not
immediately reflected in the MACK bit of the Status
Register. The status bit is updated following each
data transfer.
B5, NXT
If the Wait for Next Idle (NXT) bit is asserted high
during a Status/Control Register transfer, the
HIP7010 State Machine is re-initialized to a “wait
for Idle” state. The VPWOUT pin is driven low and
the IDLE pin is reset high. Activity on the VPWIN
pin is ignored until a valid Idle is detected. When
NXT is asserted the IDLE pin will go high for a min-
imum of 6
µs. If the bus is Idle at the end of the 6µs
period, IDLE will be driven low and the HIP7010
will be ready to transmit or receive a J1850 mes-
sage. If the bus is not Idle, current activity on the
VPWIN pin is ignored until a new Idle is detected.
The NXT bit enables the Host to ignore the bal-
ance of the current message. Unsolicited transfers
from the HIP7010 are guaranteed not to occur until
the next Idle occurs. Transfers resume following
the first byte of the next message.
B4, PD
The Power-Down (PD) bit is used to halt internal
clocks to the HIP7010 to minimize power. A low
level on the VPWIN, a low to high edge on the
STAT pin, or a high level on the RDY pin will clear
the PD bit and normal HIP7010 functions will
resume.
PD can only be set if the IDLE pin is low or during
the first Status/Control Register transfer following
a reset. The CLK input is internally gated off at
the end of the Status/Control Register transfer.
There are two situations which can cause the PD
bit to be cleared prematurely: 1. The RDY input is
high during the Status/Control Register transfer
(since this is under control of the Host it should be
avoided); 2. A noise pulse of less than 7
µs dura-
tion occurs on the VPWIN line.
If either of these situations occur, the PD will be
cleared, the HIP7010 will resume operating and
look for a valid edge on VPWIN, RDY, or STAT. If
no valid edge has occurred the HIP7010 will recy-
cle to the top of the State Machine, pulsing IDLE
high for a minimum of 2
µs. It is the responsibility
of the Host to monitor the IDLE pin after setting
PD to ensure that the POWER-DOWN mode has
been successfully entered.
See Effects of Resets and Power-Down for a
detailed discussion of the Power-Down mode.
B3, 4X
Setting the High Speed Mode (4X) bit causes the
HIP7010’s SENDEC to decode symbols received
on the J1850 bus at 0.25X the normal durations.
The 4X mode is designed to allowed receipt of mes-
sages at 4X the normal J1850 rate. It is intended for
manufacturing and diagnostic use, not normal
“down the road” vehicle communications. Transmis-
sion is inhibited while the 4X bit is set.
The 4X bit can only be written to when the IDLE
pin is low or during the first Status/Control transfer
following a reset. Setting 4X is inhibited during the
first Status/Control after a Break. The SENDEC
begins operating at the 4X rate upon receipt of the
next edge. The system must provide sufficient time
for all nodes to detect the Idle, interpret the “shift to
high speed” message, and change their mode bits
before issuing a high speed SOF.
4X is cleared by receipt of a Break symbol on the
J1850 bus and it can also be cleared by perform-
ing a Status/Control Register transfer with the 4X
bit low. When cleared via a Status/Control Regis-
ter transfer, IDLE must be low. The SENDEC
reverts to operating at the normal rate upon
receipt of the next edge.
4X mode cannot be utilized for transmitting mes-
sages. VPWOUT is disabled in hardware, but the
State Machine will attempt to transmit if RDY is
strobed. It is the Host’s responsibility to refrain
from transmitting in 4X mode.
B2, DS2, B1, DSI, B0, DSI
The three Divide Select bits (DS2-DS0) are used
to match the internal clock divider with the input
frequency on the CLK input to produce the
required 2MHz internal time base. Table 3 shows
the clock divide values and nominal input fre-
quency for the eight combinations of DS2-DS0.
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com