Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP7020AP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP7020AP
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020AP Datasheet(HTML) 2 Page - Intersil Corporation

  HIP7020AP Datasheet HTML 1Page - Intersil Corporation HIP7020AP Datasheet HTML 2Page - Intersil Corporation HIP7020AP Datasheet HTML 3Page - Intersil Corporation HIP7020AP Datasheet HTML 4Page - Intersil Corporation HIP7020AP Datasheet HTML 5Page - Intersil Corporation HIP7020AP Datasheet HTML 6Page - Intersil Corporation HIP7020AP Datasheet HTML 7Page - Intersil Corporation HIP7020AP Datasheet HTML 8Page - Intersil Corporation HIP7020AP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Block Diagram
Applications
The circuit of Figure 1 illustrates the essential elements of
the J1850 Bus Transceiver in a normal application. For nor-
mal J1850 applications, a Bus Transceiver is used at each
system node. The Electrical Specifications Table also refers
to the peripheral components shown in Figure 1 and the
Block Diagram for the HIP7020 Bus Transceiver.
NOTE: The R/F bias resistor, RS, should be located as close as
possible to the IC to minimize noise coupling to the R/F
pin. The ground connection of RS must be made directly
to the GND pin of the IC with no other current flowing in
the connecting line to prevent system ground currents
from affecting the rise/fall time control of the Wave
Shaper. The RS resistor value is typically specified as 1%
tolerance. If an R/F bypass capacitor is used to filter
noise, the value should be 100pF or less. For effective
noise filtering, the R/F bypass capacitor should be con-
nected direct from the R/F pin to the GND pin and should
not carry current from other sources.
Figure 2 illustrates some of the typical J1850 System
Configurations that utilize the HIP7020 Bus Transceiver.
Refer to the HIP7010 and HIP7030A2 Data Sheets for
further information on J1850 System Configuration detail.
TX
WAVE
SHAPER
WAVE
VOLT. REF
SHAPED
VOLTAGE TO
CONVERTER
FILTER
BUS RCVR AND
VOLT. COMP.
RX
TX
RX
BUS OUT
ISTX
BUS IN
RF
BATT
VCC
CURRENT
VREF
LOOP-BACK
MODE SW †
OVER-
V+
HIP7020
Q1
ISLB
LB EN
RD
DIAGNOSTIC
BUF
BUF
LEVEL
SHIFTER
IBO
TEMP SW
† SWITCH SHOWN IN
LOOP-BACK MODE
VBO
RE
R/F
TIME
GND
RS
R/F TIME
0.01
µF
C1
M1
CONTROLLER
BUS OUT
BUS IN
BATT
GND
RF
RBS
CBS
RS
J1850 BUS
RX
TX
J1850 BUS
TRANSCEIVER
R/F
LB EN
MOV
RE
10
15K
56.2K
HIP7030A2
(NOTE)
RBS = 500Ω TO 1500Ω
τ = RBSCBS ≅ 5µs
NOTE: MOV, M1 represents central protection, normally on the
alternator and with a typical value in the range of 27V to 40V.
FIGURE 1. TYPICAL APPLICATION CIRCUIT DIAGRAM
µC
HOST
HIP7010
BYTE LEVEL
HIP7020
BUS
TRANSCEIVER
INTERFACE
CIRCUIT
µC
HOST
HIP7030A2
HIP7020
BUS
TRANSCEIVER
µC
HIP7020
BUS
TRANSCEIVER
HIP7030A2
µC
FIGURE 2. TYPICAL J1850 SYSTEM CONFIGURATIONS
HIP7020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com