Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2762TB Datasheet(PDF) 21 Page - NEC

Part # UPC2762TB
Description  3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2762TB Datasheet(HTML) 21 Page - NEC

Back Button UPC2762TB Datasheet HTML 17Page - NEC UPC2762TB Datasheet HTML 18Page - NEC UPC2762TB Datasheet HTML 19Page - NEC UPC2762TB Datasheet HTML 20Page - NEC UPC2762TB Datasheet HTML 21Page - NEC UPC2762TB Datasheet HTML 22Page - NEC UPC2762TB Datasheet HTML 23Page - NEC UPC2762TB Datasheet HTML 24Page - NEC UPC2762TB Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet P12710EJ2V0DS00
21
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
−
µPC2771TB −
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
0
–5
–10
+15
0
–20
–15
–10
0
–5
+15
0
0
–5
+5
+10
+15
+5
+10
+15
+5
+10
+15
+5
+10
VCC
= 3.3 V
+10
+5
–5
–10
–25
–5
f = 0.9 GHz
VCC = 3.0 V
VCC = 2.7 V
–20
–15
–10
0
–25
–5
f = 0.9 GHz
VCC = 3.0 V
TA = +85
°C
TA = +25
°C
TA = –40
°C
–20
–15
–10
0
–25
–5
f = 1.5 GHz
0
–5
–20
–15
–10
0
–25
–5
f = 1.5 GHz
VCC = 3.0 V
TA = +85
°C
TA = –40
°C
TA = +25
°C
TA = +85
°C
TA = –40
°C
TA = +25
°C
TA = –40
°C
TA = +85
°C
TA = +25
°C
f = 1.9 GHz
f = 1.9 GHz
VCC = 3.0 V
–20
–15
–10
0
–25
–5
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
+15
+10
–5
–10
–20
–15
–10
0
–25
–5
+5
0
TA = –40 ˚C
TA = +85 ˚C
TA = +25 ˚C
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com