Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG749 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG749
Description  2:1 Mux/SPDT Switch in SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG749 Datasheet HTML 4Page - Analog Devices ADG749 Datasheet HTML 5Page - Analog Devices ADG749 Datasheet HTML 6Page - Analog Devices ADG749 Datasheet HTML 7Page - Analog Devices ADG749 Datasheet HTML 8Page - Analog Devices ADG749 Datasheet HTML 9Page - Analog Devices ADG749 Datasheet HTML 10Page - Analog Devices ADG749 Datasheet HTML 11Page - Analog Devices ADG749 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADG749
Rev. C | Page 11 of 12
APPLICATIONS INFORMATION
The ADG749 belongs to Analog Devices’ new family of CMOS
switches. This series of general-purpose switches has improved
switching times, offering lower on resistance, higher band-
widths, low power consumption, and low leakage currents.
ADG749 SUPPLY VOLTAGES
Functionality of the ADG749 extends from 1.8 V to 5.5 V single
supply, which makes it ideal for battery-powered instruments,
where power efficiency and performance are important design
parameters.
It is important to note that the supply voltage affects the input
signal range, the on resistance, and the switching times of the
part. By taking a look at the typical performance characteristics
and the specifications, the effects of the power supplies can be
clearly seen.
For VDD = 1.8 V operation, RON is typically 40 Ω over the
temperature range.
ON RESPONSE VS. FREQUENCY
Figure 21 illustrates the parasitic components that affect the
ac performance of CMOS switches (the switch is shown
surrounded by a box). Additional external capacitances will
further degrade some performance. These capacitances affect
feedthrough, crosstalk, and system bandwidth.
S
VIN
D
CDS
CD
RON
CLOAD
VOUT
RLOAD
Figure 21. Switch Represented by Equivalent Parasitic Components
The transfer function that describes the equivalent diagram of
the switch (Figure 21) is of the form A(s) shown below.
(
)
(
) 
+
+
=
1
1
)
(
DS
ON
T
DS
ON
T
C
R
R
s
C
R
s
R
s
A
where:
RT = RLOAD/(RLOAD + RON)
CT = CLOAD + CD + CDS
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function A(s). Because the
switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. Therefore, in order
to maximize bandwidth, a switch must have a low input and
output capacitance and low on resistance. The on response vs.
frequency plot for the ADG749 is shown in Figure 11.
OFF ISOLATION
Off isolation is a measure of the input signal coupled through
an off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load when the switch is off, as
shown in Figure 22.
S
VIN
D
CDS
CD
CLOAD
VOUT
RLOAD
Figure 22. Off Isolation is Affected by External Load Resistance
and Capacitance
The larger the value of CDS, the larger the values of feed-
through that will be produced. The typical performance
characteristic graph of Figure 9 illustrates the drop in off
isolation as a function of frequency. From dc to roughly
200 kHz, the switch shows better than −95 dB isolation. Up to
frequencies of 10 MHz, the off isolation remains better than
−67 dB. As the frequency increases, more and more of the input
signal is coupled through to the output. Off isolation can be
maximized by choosing a switch with the smallest CDS possible.
The values of load resistance and capacitance also affect off
isolation, since they contribute to the coefficients of the poles
and zeros in the transfer function of the switch when open.
(
)
(
)
(
) 
+
+
+
=
1
)
(
DS
D
LOAD
LOAD
DS
LOAD
C
C
C
R
s
C
R
s
s
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com