Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG752 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG752
Description  CMOS, Low Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG752 Datasheet(HTML) 2 Page - Analog Devices

  ADG752 Datasheet HTML 1Page - Analog Devices ADG752 Datasheet HTML 2Page - Analog Devices ADG752 Datasheet HTML 3Page - Analog Devices ADG752 Datasheet HTML 4Page - Analog Devices ADG752 Datasheet HTML 5Page - Analog Devices ADG752 Datasheet HTML 6Page - Analog Devices ADG752 Datasheet HTML 7Page - Analog Devices ADG752 Datasheet HTML 8Page - Analog Devices ADG752 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
–2–
ADG752–SPECIFICATIONS (V
DD = +5 V
10%, GND = 0 V, unless otherwise noted.)
B Version
–40 C
Parameter
+25 C
to +85 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On-Resistance (RON)15
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
18
20
Ω max
Test Circuit 1
On-Resistance Match Between
0.1
Ω typ
VS = 0 V to VDD, IDS = 10 mA
Channels (
∆RON)
0.6
0.6
Ω max
On-Resistance Flatness (RFLAT(ON))2
Ω typ
VS = 0 V to 2.5 V, IDS = 10 mA
3
Ω max
VDD = + 4.5 V
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±0.25
±3.0
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 1 V, or 4.5 V;
±0.25
±3.0
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS1
tON
8
ns typ
RL = 300
Ω, C
L = 35 pF;
13
ns max
VS = 3 V, Test Circuit 4
tOFF
3
ns typ
RL = 300
Ω, C
L = 35 pF;
5
ns max
VS = 3 V, Test Circuit 4
Break-Before-Make Time Delay
6
ns typ
RL = 300 Ω, CL = 35 pF;
1
ns min
VS = 3 V, Test Circuit 5
Off Isolation
–80
dB typ
RL = 50 Ω, CL = 5 pF, f = 30 MHz;
Test Circuit 6
Crosstalk
–80
dB typ
RL = 50 Ω, CL = 5 pF, f = 30 MHz;
Test Circuit 7
–3 dB Bandwidth
250
MHz typ
RL = 50 Ω, CL = 5 pF, Test Circuit 8
CS (OFF)
4
pF typ
CD, CS (ON)
15
pF typ
POWER REQUIREMENTS
VDD = +5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or +5.5 V
0.1
0.5
µA max
NOTES
1Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com