Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG751ARMZ
Description  CMOS, Low Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG751ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADG751ARMZ Datasheet HTML 1Page - Analog Devices ADG751ARMZ Datasheet HTML 2Page - Analog Devices ADG751ARMZ Datasheet HTML 3Page - Analog Devices ADG751ARMZ Datasheet HTML 4Page - Analog Devices ADG751ARMZ Datasheet HTML 5Page - Analog Devices ADG751ARMZ Datasheet HTML 6Page - Analog Devices ADG751ARMZ Datasheet HTML 7Page - Analog Devices ADG751ARMZ Datasheet HTML 8Page - Analog Devices ADG751ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG751
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax:
© Analog Devices, Inc.,
CMOS, Low Voltage
RF/Video, SPST Switch
FUNCTIONAL BLOCK DIAGRAM
D
IN
S
ADG751
SWITCH SHOWN FOR A LOGIC "1" INPUT
FEATURES
High Off Isolation –75 dB at 100 MHz
–3 dB Signal Bandwidth 300 MHz
+1.8 V to +5.5 V Single Supply
Low On-Resistance (15
)
Fast Switching Times
tON Typically 9 ns
tOFF Typically 3 ns
Typical Power Consumption <0.01
W
TTL/CMOS Compatible
APPLICATIONS
Audio and Video Switching
RF Switching
Networking Applications
Battery Powered Systems
Communication Systems
Relay Replacement
Sample-and-Hold Systems
GENERAL DESCRIPTION
The ADG751 is a low voltage SPST (single pole, single throw)
switch. It is constructed in a T-switch configuration, which
results in excellent Off Isolation while maintaining good fre-
quency response in the ON condition.
High off isolation and wide signal bandwidth make this part
suitable for switching RF and video signals. Low power con-
sumption and operating supply range of +1.8 V to +5.5 V make
it ideal for battery powered, portable instruments.
The ADG751 is designed on a submicron process that provides
low power dissipation yet gives high switching speed and low on
resistance. This part is a fully bidirectional switch and can handle
signals up to and including the supply rails.
The ADG751 is available in 6-lead SOT-23 and 8-lead
µSOIC
packages.
PRODUCT HIGHLIGHTS
1. High Off Isolation –75 dB at 100 MHz.
2. –3 dB Signal Bandwidth 300 MHz.
3. Low On-Resistance (15
Ω).
4. Low Power Consumption, typically <0.01
µW.
5. Tiny 6-lead SOT-23 and 8-lead
µSOIC packages.
A
2012
781/461-3113


Similar Part No. - ADG751ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751ARM AD-ADG751ARM Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
More results

Similar Description - ADG751ARMZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
LOW-VOLTAGE CMOS
REV 0
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
LOW-VOLTAGE CMOS
logo
Analog Devices
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
CMOS, Low Voltage
Rev. E
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
CMOS Low Voltage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com