Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MCU60005Y-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCU60005Y-R
Description  Cat6 UTP Patch cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCU60005Y-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCU60005Y-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
1/1
A-MCU60xxx/x-R
rev01
Wilson
20.02.13
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±X
±X
±X
±X°
±X°
Cat6 UTP Patch cable
26AWG, colored
Update
Wilson
20.02.13
Groll
20.02.13
Material:
• Conductor: 26AWG 7*0.16±0.015mm
• Conductor Insulation color coding: (1)White/Orange, (1)Orange, (1)White/Green,
(1)Green, (1)Blue, (1)White/Blue, (1)White/Brown, (1)Brown
• Included printing on cable jacket: CM (UL) C(UL) 4P 26AWG UTP CAT.6 PATCH CABLE
ISO/IEC & EN & ANSI/TIA-568-C.2
• Cable Assembly: White cable tie, Wiring T568B color, Plug RJ45 8P8C 3 pc UL 94V-2
• Cable Jacket color: Red, Yellow, Green or Blue
• Length: L±3%m
• Dielectric strength: 2.5KV dc-2seconds
• Working temperatures: -20°C~60°C
Order lengths in meter: 0.5,1,
2,3,5,7,10,15,20,30
Order Code: A-MCU60xxx/x-R
Order color: Red, Yellow,
Green, Blue


Similar Part No. - A-MCU60005Y-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCU60005-B-R ASSMANN-A-MCU60005-B-R Datasheet
59Kb / 1P
CAT.6 UTP PATCH CABLE
A-MCU60005-G-R ASSMANN-A-MCU60005-G-R Datasheet
59Kb / 1P
CAT.6 UTP PATCH CABLE
A-MCU60005-R ASSMANN-A-MCU60005-R Datasheet
64Kb / 1P
CAT.6 UTP PATCH CABLE
A-MCU60005-R-R ASSMANN-A-MCU60005-R-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60005-Y-R ASSMANN-A-MCU60005-Y-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
More results

Similar Description - A-MCU60005Y-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-003-B ASSMANN-DK-1611-003-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-B ASSMANN-DK-1611-010-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-B ASSMANN-DK-1611-100-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-GR ASSMANN-DK-1611-010-GR Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-015-G ASSMANN-DK-1611-015-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-020-G ASSMANN-DK-1611-020-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-050-WH ASSMANN-DK-1611-050-WH Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-G ASSMANN-DK-1611-100-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
A-MCU60020 ASSMANN-A-MCU60020 Datasheet
89Kb / 1P
Cat6 UTP Patch cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com