Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG793G Datasheet(PDF) 19 Page - Analog Devices

Part # ADG793G
Description  Wide Bandwidth, Triple 3:1 Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG793G Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG793G_15 Datasheet HTML 15Page - Analog Devices ADG793G_15 Datasheet HTML 16Page - Analog Devices ADG793G_15 Datasheet HTML 17Page - Analog Devices ADG793G_15 Datasheet HTML 18Page - Analog Devices ADG793G_15 Datasheet HTML 19Page - Analog Devices ADG793G_15 Datasheet HTML 20Page - Analog Devices ADG793G_15 Datasheet HTML 21Page - Analog Devices ADG793G_15 Datasheet HTML 22Page - Analog Devices ADG793G_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADG793A/ADG793G
Rev. 0 | Page 19 of 24
LDSW BIT
The LDSW bit allows the user to control the way the device
executes the commands loaded during the write operations.
The ADG793A/ADG793G execute all the commands loaded
between two successive write operations that have set the
LDSW bit high.
Setting the LDSW high for every write cycle ensures that the
device executes the command right after the LDSW bit was
loaded into the device. This setting can be used when the
desired configuration can be achieved by sending a single
command or when the switches and/or GPO pin are not
required to be updated at the same time. When the desired
configuration requires multiple commands with simultaneous
updates, the LDSW bit should be set low while loading the
commands, except the last one when the LDSW bit should be
set high. Once the last command with LDSW = high is loaded,
the device executes all commands received since the last update
simultaneously.
POWER ON/SOFTWARE RESET
The ADG793A/ADG793G have a software reset function
implemented by the RESETB bit from the second data byte
loaded into the device during a write operation. For normal
operation of the multiplexers and GPO pins, this bit should be
set high. When RESETB = low or after power-up, the switches
from all multiplexers are turned off (open) and the GPO pins
are set low.
READ OPERATION
When reading data back from the ADG793A/ADG793G, the
user must begin with an address byte and R/W bit. The switch
then acknowledges that it is prepared to transmit data by
pulling SDA low. Following this acknowledgement, the
ADG793A/ADG793G transmit two bytes on the next clock
edges. These bytes contain the status of the switches, and each
byte is followed by an acknowledge bit. A logic high bit
represents a switch in the on (close) state while a low represents
a switch in the off (open) state. For the GPO pin (ADG793G
only), the bit represents the logic value of the pin. Figure 32
illustrates the entire read sequence.
The bit maps accompanying Figure 32 show the relationship
between the elements of the ADG793A and ADG793G (that it,
the switches and GPO pins) and the bits that represent their
status after a completed read operation.
Bit Map for the ADG793A
RB15
RB14
RB13
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
S1A-D1
S1B-D1
S1C-D1
-
S2A-D2
S2B-D2
S2C-D2
-
S3A-D3
S3B-D3
S3C-D3
-
-
-
-
-
Bit Map for the ADG793G
RB15
RB14
RB13
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
S1A-D1
S1B-D1
S1C-D1
-
S2A-D2
S2B-D2
S2C-D2
-
S3A-D3
S3B-D3
S3C-D3
-
GPO1
GPO2
-
-
Read Operation
SCL
SDA
A2
A1
A0
RB14
RB15
R/W
RB13 RB12 RB11 RB10 RB9 RB8
RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0
START
CONDITION
BY MASTER
STOP
CONDITION
BY MASTER
ADDRESS BYTE
ACKNOWLEDGE
BY SWITCH
ACKNOWLEDGE
BY SWITCH
ACKNOWLEDGE
BY SWITCH
Figure 32. ADG793A/ADG793G Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com