Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM1FLEX Datasheet(PDF) 1 Page - Protek Devices

Part # PAM1FLEX
Description  SOT-23 PACKGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM1FLEX Datasheet(HTML) 1 Page - Protek Devices

  PAM1FLEX_15 Datasheet HTML 1Page - Protek Devices PAM1FLEX_15 Datasheet HTML 2Page - Protek Devices PAM1FLEX_15 Datasheet HTML 3Page - Protek Devices PAM1FLEX_15 Datasheet HTML 4Page - Protek Devices PAM1FLEX_15 Datasheet HTML 5Page - Protek Devices PAM1FLEX_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05475.R0 3/15
Page 1
PAM1FLEX
FLEX BUS ESD PROTECTION DIODE
DESCRIPTION
The PAM1FLEX is designed to protect two automotive FLEX bus lines from the damaging effects of Electrostatic Dis-
charge (ESD) and other transients. This device is available in a SOT-23 package configuration and meets IEC 61000-4-2
and IEC 61000-4-4 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 3A, 8/20µs
• 200 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Two Lines of Protection
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Low Capacitance
• Low Leakage Current
• RoHS Compliant
• REACh Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• FLEX Bus Protection
• Automotive Applications
PIN CONFIGURATION
SOT-23 PACKAGE
2
3
1


Similar Part No. - PAM1FLEX_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM10ST2324C PROTEC-PAM10ST2324C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
PAM11SO803 PROTEC-PAM11SO803 Datasheet
507Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM1FLEX_15

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
SOT-23
GM4403 GSME-GM4403 Datasheet
351Kb / 4P
SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
SOT-23
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
SOT-23
logo
Protek Devices
PESD1FLEX PROTEC-PESD1FLEX_15 Datasheet
373Kb / 6P
SOT-23 PACKGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com