Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV303N-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDV303N-3
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDV303N-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDV303N-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDV303N-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDV303N-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDV303N-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
FDV303N (KDV303N)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
25
V
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, TJ=55℃
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±8 V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.65
1.5
V
VGS=4.5V, ID=0.5A
450
VGS=4.5V, ID=0.5A TJ=125℃
800
VGS=2.7V, ID=0.2A
600
On State Drain Current
ID(ON)
VGS=2.7V, VDS=5V (Note.1)
0.5
A
Forward Transconductance
gFS
VDS=5V, ID=0.5A (Note.1)
1.45
S
Input Capacitance
Ciss
50
Output Capacitance
Coss
28
Reverse Transfer Capacitance
Crss
9
Total Gate Charge
Qg
1.64
2.3
Gate Source Charge
Qgs
0.38
Gate Drain Charge
Qgd
0.45
Turn-On DelayTime
td(on)
3
6
Turn-On Rise Time
tr
8.5
18
Turn-Off DelayTime
td(off)
17
30
Turn-Off Fall Time
tf
13
25
Maximum Body-Diode Continuous Current
IS
0.3
A
Diode Forward Voltage
VSD
IS=0.5A,VGS=0V
1.2
V
VGS=0V, VDS=10V, f=1MHz
VGS=4.5V, VDS=5V, ID=0.5A
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
mΩ
VGS=4.5V, VDS=6V,ID=0.5A,RG=50Ω
RDS(On)
Static Drain-Source On-Resistance
Note.1: Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%.
(Note.1)
(Note.1)
(Note.1)
■
Marking
Marking
303



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com