Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML2402 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRLML2402
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRLML2402 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  IRLML2402 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
IRLML2402 (KRlML2402)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
VDS=16V, VGS=0V
1
VDS=16V, VGS=0V, TJ=125℃
25
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±12V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.7
V
VGS=4.5V, ID=0.93A (Note.1)
250
VGS=2.7V, ID=0.47A
(Note.1)
350
Forward Transconductance
gFS
VDS=10V, ID=0.47A
1.3
S
Input Capacitance
Ciss
110
Output Capacitance
Coss
51
Reverse Transfer Capacitance
Crss
25
Total Gate Charge
Qg
2.6
3.9
Gate Source Charge
Qgs
0.41 0.62
Gate Drain Charge
Qgd
1.1
1.7
Turn-On DelayTime
td(on)
2.5
Turn-On Rise Time
tr
9.5
Turn-Off DelayTime
td(off)
9.7
Turn-Off Fall Time
tf
4.8
Body Diode Reverse Recovery Time
trr
25
38
Body Diode Reverse Recovery Charge
Qrr
16
24
nC
Maximum Body-Diode Continuous Current
IS
0.54
Pulse Source Current (Body Diode)
ISM
7.4
Diode Forward Voltage
VSD
IS=0.93A,VGS=0V,TJ = 25
(Note.1)
℃
1.2
V
IF= 0.93A, dI/dt= 100A/μs,TJ = 25℃
VGS=0V, VDS=15V, f=1MHz
VGS=16V, VDS=4.5V, ID=0.93A
pF
nC
A
ns
Zero Gate Voltage Drain Current
IDSS
uA
mΩ
VDS=10V, ID=0.93A, RD=11Ω,RG=6.2Ω
RDS(On)
Static Drain-Source On-Resistance
S
D
G
showing the
(Note.1)
(Note.1)
(Note.1)
Note.1:
≤
≤
1.5
■
Marking
Marking
1A**



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com